Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGO827 Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGO827
Description  870 MHz optical receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGO827 Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGO827_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO827_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO827_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO827_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO827_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO827_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO827_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO827_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BGO827_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2002 Dec 10
5
Philips Semiconductors
Product specification
870 MHz optical receivers
BGO827; BGO827/FC0;
BGO827/SC0
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U1
max.
U2
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7
8.8
1000
4.15
3.85
2.4
38.1 25.4 10.2
4.2
44.75
8
0.25
0.1
12
bF
2.5
M
1.6
M1
0.9
M2
N
min.
10.7
N1
max.
5
N2
max.
16.7
16.1
optical input
S1
4.95
4.55
S2
p
6-32
UNC
y
w
S
DIMENSIONS (mm are the original dimensions)
SOT115T
0
5
10 mm
scale
A
max.
D
max.
d
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; optical input; 8 gold-plated in-line leads
SOT115T
D
U1
q
q2
q1
b
F
S
S1
S2
A
Z
p
N
N1
N2
M
M1
M2
E
A2
L
c
d
Q
U2
M
w
78
9
23
4
W
e
e1
5
p
1
y M B
y M B
y M B
B
99-04-13
01-08-10
PACKAGE OUTLINES


Similar Part No. - BGO827_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
   870 MHz optical receivers
Rev. 5-29 September 2010
More results

Similar Description - BGO827_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 NXP-BGO807_10 Datasheet
141Kb / 11P
   870 MHz optical receivers
Rev. 2-29 September 2010
BGO807 PHILIPS-BGO807 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO827 NXP-BGO827_02 Datasheet
93Kb / 12P
   870 MHz optical receivers
2002 Dec 10
logo
Quanzhou Jinmei Electro...
BGO807 JMNIC-BGO807_15 Datasheet
89Kb / 10P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
   870 MHz optical receivers
Rev. 5-29 September 2010
logo
Quanzhou Jinmei Electro...
BGO807_2015 JMNIC-BGO807_2015 Datasheet
89Kb / 10P
   870 MHz optical receivers
BGO827_2015 JMNIC-BGO827_2015 Datasheet
93Kb / 12P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 PHILIPS-BGO827 Datasheet
93Kb / 10P
   870 MHz optical receivers
2004 Apr 07
BGO747 PHILIPS-BGO747 Datasheet
86Kb / 12P
   750 MHz optical receivers
2002 Dec 03
CGO869 PHILIPS-CGO869 Datasheet
60Kb / 8P
   870 MHz optical receiver with integrated gain control
2003 Oct 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com