Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6312UK36D1-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6312UK36D1-T
Description  5-Pin, Multiple-Input, Programmable Reset ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6312UK36D1-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6312UK36D1-T Datasheet HTML 1Page - Maxim Integrated Products MAX6312UK36D1-T Datasheet HTML 2Page - Maxim Integrated Products MAX6312UK36D1-T Datasheet HTML 3Page - Maxim Integrated Products MAX6312UK36D1-T Datasheet HTML 4Page - Maxim Integrated Products MAX6312UK36D1-T Datasheet HTML 5Page - Maxim Integrated Products MAX6312UK36D1-T Datasheet HTML 6Page - Maxim Integrated Products MAX6312UK36D1-T Datasheet HTML 7Page - Maxim Integrated Products MAX6312UK36D1-T Datasheet HTML 8Page - Maxim Integrated Products MAX6312UK36D1-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
General Description
The MAX6305–MAX6313 CMOS microprocessor (µP)
supervisory circuits are designed to monitor more than
one power supply. Ideal for monitoring both 5V and
3.3V in personal computer systems, these devices
assert a system reset if any of the monitored supplies
falls outside the programmed threshold. Low supply
current (15µA) and a small package suit them for
portable applications. The MAX6305–MAX6313 are
specifically designed to ignore fast transients on
any monitored supply.
These devices are available in a SOT23-5 package,
have factory-programmed reset thresholds from 2.5V to
5.0V (in 100mV increments), and feature four power-on
reset timeout periods.
Applications
Portable Computers
Computers
Controllers
Intelligent Instruments
Portable/Battery-Powered Equipment
Multivoltage Systems: 3V/5V, 5V/12V, 5V/24V
Embedded Control Systems
Features
o Small 5-Pin SOT23 Package
o Precision Factory-Set VCC Reset Thresholds;
Available in 0.1V Increments from 2.5V to 5V
o Immune to Short VCC Transients
o Guaranteed RESET Valid to VCC = 1V
o Guaranteed Over Temperature
o 8µA Supply Current
o Factory-Set Reset Timeout Delay from
1ms (min) to 1120ms (min)
o No External Components
o Manual Reset Input
o Under/Overvoltage Supply Monitoring
5-Pin, Multiple-Input,
Programmable Reset ICs
________________________________________________________________
Maxim Integrated Products
1
19-1145; Rev 1; 8/98
PART†
MAX6305UK00D_-T
MAX6306UK_ _D_-T
MAX6307UK_ _D_-T
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
5 SOT23-5
5 SOT23-5
5 SOT23-5
Ordering Information
† The MAX6306/MAX6307/MAX6309/MAX6310/MAX6312/
MAX6313 are available with factory-set VCC reset thresholds from
2.5V to 5V, in 0.1V increments. Insert the desired nominal reset
threshold (from Table 1) into the blanks following the letters UK.
All parts also offer factory-programmed reset timeout periods.
Insert the number corresponding to the desired nominal timeout
period index following the “D” in the part number (D1 = 1ms min,
D2 = 20ms min, D3 = 140ms min, and D4 = 1120ms min). Contact
factory for availability and minimum order sizes.
Ordering Information continued at end of data sheet.
Pin Configurations and Typical Operating Circuit appear at
end of data sheet.
_______________________________________________________________Selector Table
PART
OPEN-DRAIN
RESET
OUTPUT
PUSH/PULL
RESET
OUTPUT
PUSH/PULL
RESET
OUTPUT
FACTORY-
SET RESET
THRESHOLD
ON VCC
ADDITIONAL
UNDERVOLTAGE
RESET INPUTS
NEGATIVE/
OVERVOLTAGE
RESET INPUT
MAX6305
2
MAX6306
1
MAX6307
1
MAX6308
2
MAX6309
1
MAX6310
1
MAX6311
2
MAX6312
1
MAX6313
1
MANUAL-
RESET
INPUT


Similar Part No. - MAX6312UK36D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6312UK29D3-T MAXIM-MAX6312UK29D3-T Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6312UK29D3-T MAXIM-MAX6312UK29D3-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6312UK46D3-T MAXIM-MAX6312UK46D3-T Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6312UK46D3-T MAXIM-MAX6312UK46D3-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6312UKD-T MAXIM-MAX6312UKD-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
More results

Similar Description - MAX6312UK36D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com