Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y113-100E Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9Y113-100E
Description  N-channel 100 V, 113 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y113-100E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9Y113-100E_15 Datasheet HTML 2Page - NXP Semiconductors BUK9Y113-100E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9Y113-100E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9Y113-100E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9Y113-100E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9Y113-100E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9Y113-100E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9Y113-100E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9Y113-100E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK9Y113-100E
N-channel 100 V, 113 mΩ logic level MOSFET in LFPAK56
BUK9Y113-100E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
8 May 2013
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ciss
input capacitance
-
652
870
pF
Coss
output capacitance
-
69
83
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
52
71
pF
td(on)
turn-on delay time
-
6.2
-
ns
tr
rise time
-
10.8
-
ns
td(off)
turn-off delay time
-
12.4
-
ns
tf
fall time
VDS = 80 V; RL = 10 Ω; VGS = 5 V;
RG(ext) = 5 Ω; Tj = 25 °C
-
9.3
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 10 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.89
1.2
V
trr
reverse recovery time
-
28
-
ns
Qr
recovered charge
IS = 5 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 25 V; Tj = 25 °C
-
29
-
nC
003aai854
0
4
8
12
16
20
0
1
2
3
4
VDS(V)
ID
(A)
VGS(V) = 10
2.6
2.8
3.5
2.4
3
2.2
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aai857
0
5
10
15
20
0
1
2
3
4
VGS (V)
ID
(A)
Tj = 25 °C
Tj = 175 °C
Fig. 7. Transfer characteristics; drain current as a
function of gate-source voltage; typical values


Similar Part No. - BUK9Y113-100E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y113-100E NXP-BUK9Y113-100E Datasheet
298Kb / 13P
   N-channel 100 V, 113 m logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y113-100E NEXPERIA-BUK9Y113-100E Datasheet
734Kb / 13P
   N-channel 100 V, 113 mΩ logic level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK9Y113-100E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y113-100E NXP-BUK9Y113-100E Datasheet
298Kb / 13P
   N-channel 100 V, 113 m logic level MOSFET in LFPAK56
20 February 2013
BUK7Y113-100E NXP-BUK7Y113-100E Datasheet
294Kb / 13P
   N-channel 100 V, 113 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y113-100E PHILIPS-BUK7Y113-100E_15 Datasheet
303Kb / 13P
   N-channel 100 V, 113 m廓 standard level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
BUK9Y113-100E NEXPERIA-BUK9Y113-100E Datasheet
734Kb / 13P
   N-channel 100 V, 113 mΩ logic level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK9Y12-100E PHILIPS-BUK9Y12-100E_15 Datasheet
302Kb / 13P
   N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
9 May 2013
BUK9Y153-100E NXP-BUK9Y153-100E Datasheet
668Kb / 13P
   N-channel 100 V, 153 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y22-100E NEXPERIA-BUK9Y22-100E Datasheet
764Kb / 13P
   N-channel 100 V, 22 m廓 logic level MOSFET in LFPAK56
BUK9Y19-100E NEXPERIA-BUK9Y19-100E Datasheet
748Kb / 13P
   N-channel 100 V, 19 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y12-100E NXP-BUK9Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y65-100E PHILIPS-BUK9Y65-100E_15 Datasheet
307Kb / 13P
   N-channel 100 V, 65 m廓 logic level MOSFET in LFPAK56
9 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com