Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC85XP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMC85XP
Description  30 V P-channel MOSFET with pre-biased NPN transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMC85XP Datasheet(HTML) 4 Page - NXP Semiconductors

  PMC85XP_15 Datasheet HTML 1Page - NXP Semiconductors PMC85XP_15 Datasheet HTML 2Page - NXP Semiconductors PMC85XP_15 Datasheet HTML 3Page - NXP Semiconductors PMC85XP_15 Datasheet HTML 4Page - NXP Semiconductors PMC85XP_15 Datasheet HTML 5Page - NXP Semiconductors PMC85XP_15 Datasheet HTML 6Page - NXP Semiconductors PMC85XP_15 Datasheet HTML 7Page - NXP Semiconductors PMC85XP_15 Datasheet HTML 8Page - NXP Semiconductors PMC85XP_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NXP Semiconductors
PMC85XP
30 V P-channel MOSFET with pre-biased NPN transistor
PMC85XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
15 May 2013
4 / 15
Tj (°C)
- 75
175
125
25
75
- 25
017aaa123
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a
function of junction temperature
Tj (°C)
- 75
175
125
25
75
- 25
017aaa124
40
80
120
Ider
(%)
0
Fig. 2. Normalized continuous drain current as a
function of junction temperature
aaa-003661
VDS (V)
-10-1
-102
-10
-1
-1
-10-1
-10
ID
(A)
-10-2
tp = 100 µs
tp = 1 ms
tp = 10 ms
DC; Tsp = 25 °C
tp = 100 ms
DC; Tamb = 25 °C;
drain mounting pad 6 cm2
Limit RDSon = VDS/ID
IDM = single pulse
Fig. 3. Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-
source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
P-channel Trench MOSFET
[1]
-
223
256
K/W
in free air
[2]
-
93
107
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
t ≤ 5 s; in free air
[2]
-
55
63
K/W


Similar Part No. - PMC85XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMC85XP NXP-PMC85XP Datasheet
238Kb / 15P
   30 V P-channel MOSFET with pre-biased NPN transistor
15 May 2013
logo
Nexperia B.V. All right...
PMC85XP NEXPERIA-PMC85XP Datasheet
725Kb / 15P
   30 V P-channel MOSFET with pre-biased NPN transistor
15 May 2013
More results

Similar Description - PMC85XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMC85XP NXP-PMC85XP Datasheet
238Kb / 15P
   30 V P-channel MOSFET with pre-biased NPN transistor
15 May 2013
logo
Nexperia B.V. All right...
PMC85XP NEXPERIA-PMC85XP Datasheet
725Kb / 15P
   30 V P-channel MOSFET with pre-biased NPN transistor
15 May 2013
logo
Diodes Incorporated
DDC144NS DIODES-DDC144NS_1 Datasheet
278Kb / 4P
   DUAL NPN PRE-BIASED TRANSISTOR
UMG4N DIODES-UMG4N Datasheet
229Kb / 3P
   DUAL NPN PRE-BIASED TRANSISTOR
ADTC124EUAQ DIODES-ADTC124EUAQ Datasheet
477Kb / 6P
   NPN PRE-BIASED TRANSISTOR IN SOT323
Rev. 2 - 2 February 2021
DEMD48 DIODES-DEMD48 Datasheet
270Kb / 4P
   DUAL NPN/PNP PRE-BIASED TRANSISTOR
ADTC143ECAQ DIODES-ADTC143ECAQ Datasheet
406Kb / 6P
   NPN PRE-BIASED TRANSISTOR IN SOT23
Rev. 2 - 2 February 2021
DDTCEE DIODES-DDTCEE Datasheet
551Kb / 10P
   NPN PRE-BIASED TRANSISTOR IN SOT523
Rev. 16 - 2 April 2021
ADTC144ECAQ DIODES-ADTC144ECAQ Datasheet
326Kb / 6P
   NPN PRE-BIASED TRANSISTOR IN SOT23
Rev. 2 - 2 March 2021
DDTCCA DIODES-DDTCCA Datasheet
305Kb / 5P
   NPN PRE-BIASED TRANSISTOR IN SOT23
Rev. 10 - 2 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com