Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3224 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3224
Description  LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3224 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3224_15 Datasheet HTML 4Page - Texas Instruments LM3224_15 Datasheet HTML 5Page - Texas Instruments LM3224_15 Datasheet HTML 6Page - Texas Instruments LM3224_15 Datasheet HTML 7Page - Texas Instruments LM3224_15 Datasheet HTML 8Page - Texas Instruments LM3224_15 Datasheet HTML 9Page - Texas Instruments LM3224_15 Datasheet HTML 10Page - Texas Instruments LM3224_15 Datasheet HTML 11Page - Texas Instruments LM3224_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (
oC)
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
-40
VOUT = 8V
VIN = 4.2V
VIN = 5.5V
VIN = 3.0V
-40
-20
0
20
40
60
80
TEMPERATURE (
oC)
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.10
-30
-10
10
30
50
70
90
VIN = 4.2V
VIN = 5.5V
VIN = 3.0V
VOUT = 15V
90.0
90.5
91.0
91.5
92.0
92.5
93.0
93.5
94.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
TEMPERATURE (
oC)
VIN = 7.0V
VIN = 2.7V
2.6
5.8
INPUT VOLTAGE (V)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
3.0 3.4 3.8 4.2 4.6 5.0 5.4
VOUT = 15V
VOUT = 12V
VOUT = 8V
-40
-10 5
65
125
1.16
1.18
1.22
1.24
1.26
1.28
1.30
1.32
1.34
TEMPERATURE (
oC)
1.20
-25
20 35 50
80 95 110
VIN = 2.7V
VIN = 7.0V
-25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (
oC)
91.5
94.0
-40
93.5
93.0
92.5
92.0
VIN = 7.0V
VIN = 2.7V
LM3224
SNVS277C – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
1.25MHz Switching Frequency vs. Temperature
615kHz Maximum Duty Cycle vs. Temperature
Figure 14.
Figure 15.
1.25MHz Maximum Duty Cycle vs. Temperature
Switch Current Limit vs. VIN
Figure 16.
Figure 17.
Switch Current Limit vs. Temperature
Switch Current Limit vs. Temperature
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3224


Similar Part No. - LM3224_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3224MM-ADJ NSC-LM3224MM-ADJ Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM3224MM-ADJ NSC-LM3224MM-ADJ Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM3224MMX-ADJ NSC-LM3224MMX-ADJ Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM3224MMX-ADJ NSC-LM3224MMX-ADJ Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
More results

Similar Description - LM3224_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com