Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEF6862 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEF6862
Description  Car Radio Enhanced Selectivity Tuner (CREST)
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6862 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEF6862_15 Datasheet HTML 6Page - NXP Semiconductors TEF6862_15 Datasheet HTML 7Page - NXP Semiconductors TEF6862_15 Datasheet HTML 8Page - NXP Semiconductors TEF6862_15 Datasheet HTML 9Page - NXP Semiconductors TEF6862_15 Datasheet HTML 10Page - NXP Semiconductors TEF6862_15 Datasheet HTML 11Page - NXP Semiconductors TEF6862_15 Datasheet HTML 12Page - NXP Semiconductors TEF6862_15 Datasheet HTML 13Page - NXP Semiconductors TEF6862_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
TEF6862_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 14 September 2006
10 of 65
Philips Semiconductors
TEF6862
Car Radio Enhanced Selectivity Tuner (CREST)
7.18 AM IF AGC amplifier and demodulator
The 450 kHz IF2 signal after the ceramic channel selection filter is amplified by the
IF AGC amplifier and demodulated. Instead of the demodulated AM audio signal, also the
IF2 signal can be selected on the MPXAM output pin. This IF2 signal can be used for an
external AM stereo decoder. To avoid overdrive of the input stage a detector at the input
drives the RF AGC.
7.19 AM level detection
The IF2 signal used for AM IF AGC and demodulation is also used in the limiter circuit for
in-band level detection to generate a level voltage.
7.20 AM and FM level DAA
The start and slope of the level detector output are programmable with 5 bits and 3 bits
respectively to achieve level information independent on gain variations in the signal
channel.
7.21 AM and FM IF counter
The output signal from the limiters is used for IF counting in both AM and FM. The
IF count time is automatically controlled to achieve the optimum counting accuracy. The
minimum count time is 2 ms.
8.
I2C-bus protocol
Fig 3.
Write mode
ACK-s
ACK-s
DATA
SLAVE ADDRESS W
data transferred
(n bytes
+ acknowledge)
001aad051
P
S
ACK-s
MSA
Fig 4.
Read mode
DATA
ACK-s
ACK-m
DATA
NA
SLAVE ADDRESS R
001aad049
P
S
data transferred
(n
− 1 bytes + acknowledge)
Table 4.
Description of I2C-bus format
Code
Description
S
START condition
Slave address W
1100 0000b for pin ADDR grounded
1100 0010b for pin ADDR floating
Slave address R
1100 0001b for pin ADDR grounded
1100 0011b for pin ADDR floating


Similar Part No. - TEF6862_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6862HL PHILIPS-TEF6862HL Datasheet
1Mb / 65P
   Car Radio Enhanced Selectivity Tuner (CREST)
Rev. 01-14 September 2006
More results

Similar Description - TEF6862_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6862 PHILIPS-TEF6862 Datasheet
1Mb / 65P
   Car Radio Enhanced Selectivity Tuner (CREST)
Rev. 01-14 September 2006
logo
STMicroelectronics
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
   FM car-radio tuner IC with intelligent selectivity system (ISS)
TDA7512 STMICROELECTRONICS-TDA7512 Datasheet
761Kb / 42P
   AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
TDA7541B STMICROELECTRONICS-TDA7541B Datasheet
935Kb / 77P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
TDA7540N STMICROELECTRONICS-TDA7540N Datasheet
1Mb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
TDA7541 STMICROELECTRONICS-TDA7541 Datasheet
872Kb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
STMicroelectronics
TDA7540B STMICROELECTRONICS-TDA7540B Datasheet
1Mb / 75P
   AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
logo
Sanyo Semicon Device
LA1867NM SANYO-LA1867NM Datasheet
941Kb / 32P
   Car Radio Single-Chip Tuner System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com