Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320ADC3101-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320ADC3101-Q1
Description  Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320ADC3101-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320ADC3101-Q1 Datasheet HTML 1Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 2Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 3Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 4Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 5Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 6Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 7Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 8Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
TLV320ADC3101-Q1
www.ti.com
SLAS816B – MARCH 2012 – REVISED AUGUST 2012
Low-Power Stereo ADC With Embedded miniDSP
for Wireless Handsets and Portable Audio
Check for Samples: TLV320ADC3101-Q1
1
FEATURES
Digital Microphone Input Support
Two GPIOs
2
Qualified for Automotive Applications
Power Supplies:
AEC-Q100 Test Guidance With the Following
Results:
Analog: 2.6 V–3.6 V
Device Temperature Grade 2: –40°C to
Digital: Core: 1.65 V–1.95 V,
+105°C Ambient Operating Temperature
I/O: 1.1 V–3.6 V
Range
4-mm × 4-mm 24-Pin RGE (QFN)
Device HBM ESD Classification Level H1C
APPLICATIONS
Device CDM ESD Classification Level C3B
Stereo Audio ADC
Wireless Handsets
92-dBA Signal-to-Noise Ratio
Portable Low-Power Audio Systems
Supports ADC Sample Rates From 8 kHz to
Noise-Cancellation Systems
96 kHz
Front-End Voice or Audio Processor for Digital
Instruction-Programmable Embedded miniDSP
Audio
Flexible Digital Filtering With RAM
DESCRIPTION
Programmable Coefficient, Instructions, and
The TLV320ADC3101-Q1 is a low-power, stereo
Built-In Processing Blocks
audio analog-to-digital converter (ADC) supporting
Low-Latency IIR Filters for Voice
sampling rates from 8 kHz to 96 kHz with an
Linear Phase FIR Filters for Audio
integrated programmable-gain amplifier providing up
to 40-dB analog gain or AGC. A programmable
Additional Programmable IIR Filters for EQ,
miniDSP is provided for custom audio processing.
Noise Cancellation or Reduction
Front-end input coarse attenuation of 0 dB, –6 dB, or
Up to 128 Programmable ADC Digital Filter
off, is also provided. The inputs are programmable in
Coefficients
a combination of single-ended or fully differential
Six Audio Inputs With Configurable Automatic
configurations.
Extensive
register-based
power
Gain Control (AGC)
control is available via an I2C interface, enabling
mono or stereo recording. Low power consumption
Programmable in Single-Ended or Fully
makes the TLV320ADC3101-Q1 ideal for battery-
Differential Configurations
powered portable equipment.
Can Be 3-Stated for Easy Interoperability
The AGC programs to a wide range of attack
With Other Audio ICs
(7 ms–1.4 s) and decay (50 ms–22.4 s) times. A
Low Power Consumption and Extensive
programmable noise-gate function is included to
Modular Power Control:
avoid noise pumping. Low-latency IIR filters optimized
6-mW Mono Record, 8-kHz
for voice and telephony are available, as well as
linear-phase
FIR
filters
optimized
for
audio.
11-mW Stereo Record, 8-kHz
Programmable IIR filters are also available and may
10-mW Mono Record, 48-kHz
be used for sound equalization, or to remove noise
17-mW Stereo Record, 48-kHz
components.
The
audio
serial
bus
can
be
programmed
to
support
I2S,
left-justified,
right-
Dual Programmable Microphone Bias
justified, DSP, PCM, and TDM modes. The audio bus
Programmable PLL for Clock Generation
may be operated in either master or slave mode.
I2C™ Control Bus
Audio Serial Data Bus Supports I2S, Left/Right-
Justified, DSP, PCM, and TDM Modes
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of Phillips Electronics.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV320ADC3101-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power Stereo ADC
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 92P
[Old version datasheet]   TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
TLV320ADC3101IRGER TI-TLV320ADC3101IRGER Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320ADC3101IRGER TI1-TLV320ADC3101IRGER Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power Stereo ADC
More results

Similar Description - TLV320ADC3101-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3001 TI1-TLV320ADC3001 Datasheet
976Kb / 81P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320ADC3001 TI-TLV320ADC3001_15 Datasheet
1Mb / 86P
[Old version datasheet]   TLV320ADC3001 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320ADC3101 TI-TLV320ADC3101_15 Datasheet
1Mb / 92P
[Old version datasheet]   TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320ADC3001 TI1-TLV320ADC3001_15 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com