Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7250SJ Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7250SJ
Description  Material Content Data Sheet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250SJ Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7250SJ_15 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
TLE7250SJ
Issued
28. September 2015
MA#
MA001403414
Package
PG-DSO-8-64
Weight*
81.48 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
1.493
1.83
1.83
18318
18318
leadframe
inorganic material
phosphorus
7723-14-0
0.009
0.01
107
non noble metal
zinc
7440-66-6
0.035
0.04
427
non noble metal
iron
7439-89-6
0.696
0.85
8538
non noble metal
copper
7440-50-8
28.249
34.67
35.57
346690
355762
wire
non noble metal
copper
7440-50-8
0.079
0.10
969
noble metal
palladium
7440-05-3
0.001
0.00
0.10
10
979
encapsulation
organic material
carbon black
1333-86-4
0.145
0.18
1782
plastics
epoxy resin
-
5.661
6.95
69481
inorganic material
silicondioxide
60676-86-0
42.581
52.28
59.41
522590
593853
leadfinish
noble metal
gold
7440-57-5
0.010
0.01
123
noble metal
palladium
7440-05-3
0.010
0.01
123
non noble metal
nickel
7440-02-0
0.483
0.59
0.61
5926
6172
plating
noble metal
gold
7440-57-5
0.028
0.03
345
noble metal
palladium
7440-05-3
0.028
0.03
345
non noble metal
nickel
7440-02-0
1.349
1.66
1.72
16559
17249
glue
plastics
epoxy resin
-
0.156
0.19
1917
noble metal
silver
7440-22-4
0.468
0.57
0.76
5750
7667
*deviation
< 10%
Sum in total:
100.00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
This product is in compliance with EU Directive 2011/65/EU (RoHS) and does not use any exemption.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - TLE7250SJ_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250 INFINEON-TLE7250 Datasheet
2Mb / 34P
   High Speed CAN-Transceiver
Rev. 1.0, 2015-08-12
TLE7250G INFINEON-TLE7250G Datasheet
1Mb / 22P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-01
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
More results

Similar Description - TLE7250SJ_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4253E INFINEON-TLE4253E_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. October 2015
MA001010846 INFINEON-MA001010846_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001011684 INFINEON-MA001011684_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001025832 INFINEON-MA001025832_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
28. July 2015
MA001075538 INFINEON-MA001075538_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001126876 INFINEON-MA001126876_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
2. July 2015
MA001147172 INFINEON-MA001147172_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
24. April 2015
MA001276174 INFINEON-MA001276174_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
IPA126N10N3G INFINEON-IPA126N10N3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
3. September 2015
IPB60R160P6 INFINEON-IPB60R160P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
IPB60R230P6 INFINEON-IPB60R230P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com