Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93334 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 93334
Description  HIGH ENERGY IGNITION CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

93334 Datasheet(HTML) 1 Page - Unisonic Technologies

  93334_15 Datasheet HTML 1Page - Unisonic Technologies 93334_15 Datasheet HTML 2Page - Unisonic Technologies 93334_15 Datasheet HTML 3Page - Unisonic Technologies 93334_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
93334
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R121-006.C
HIGH ENERGY IGNITION
CIRCUIT
DESCRIPTION
This device is designed to use the signal from a reluctor type
ignition pickup to produce a well controlled output from a power
darlington output transistor.
FEATURES
* Very Low Peripheral Component Count
* No Critical System Resistors
* Wide Supply Voltage Operating Range (4.0V ~ 24V)
* Overvoltage Shutdown (30V)
* Dwell Automatically Adjusts to Produce Optimum Stored Energy
without Waste
* Externally Adjustable Peak Current
* Transient Protected Inputs and Outputs
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
93334G-S08-R
SOP-8
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - 93334_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
93334 UTC-93334_16 Datasheet
203Kb / 4P
   HIGH ENERGY IGNITION CIRCUIT
More results

Similar Description - 93334_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
93334 UTC-93334_16 Datasheet
203Kb / 4P
   HIGH ENERGY IGNITION CIRCUIT
93334 UTC-93334 Datasheet
118Kb / 5P
   HIGH ENERGY IGNITION CIRCUIT
93334 UTC-93334_07 Datasheet
191Kb / 5P
   HIGH ENERGY IGNITION CIRCUIT
logo
NXP Semiconductors
MC3334P NXP-MC3334P Datasheet
13Mb / 4P
   HIGH ENERGY IGNITION CIRCUIT
REV. 0
logo
Motorola, Inc
MC3334P MOTOROLA-MC3334P Datasheet
13Mb / 4P
   HIGH ENERGY IGNITION CIRCUIT
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
LIC01-SERIES STMICROELECTRONICS-LIC01-SERIES Datasheet
60Kb / 6P
   LIGHT IGNITION CIRCUIT
logo
Freescale Semiconductor...
MC79076 FREESCALE-MC79076_07 Datasheet
307Kb / 13P
   Electronic Ignition Control Circuit
logo
NXP Semiconductors
79076 NXP-79076 Datasheet
522Kb / 13P
   Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
logo
Motorola, Inc
MC79076 MOTOROLA-MC79076 Datasheet
64Kb / 2P
   ELECTRONIC IGNITION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com