Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA2284A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LA2284A
Description  5-DOT DUAL LED LEVEL METER DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LA2284A Datasheet(HTML) 1 Page - Unisonic Technologies

  LA2284A_15 Datasheet HTML 1Page - Unisonic Technologies LA2284A_15 Datasheet HTML 2Page - Unisonic Technologies LA2284A_15 Datasheet HTML 3Page - Unisonic Technologies LA2284A_15 Datasheet HTML 4Page - Unisonic Technologies LA2284A_15 Datasheet HTML 5Page - Unisonic Technologies LA2284A_15 Datasheet HTML 6Page - Unisonic Technologies LA2284A_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LA2284/A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R121-002.D
5-DOT DUAL LED LEVEL
METER DRIVER
DESCRIPTION
The UTC LA2284/A is a monolithic integrated circuit designed for
5-dot LED level meter drivers with a built-in rectifying amplifier. It is
suitable for AC/DC level meters such as VU meters or signal meters.
FEATURES
*High gain rectifying amplifier included (Gv=26dB)
*Low radiation noise when LED turns on
*Logarithmic indicator for 5-dot LED of bar type
*Constant current output(15mA)
*Wide operating supply voltage
*Not necessary diode or transistor for ALC
*Minimum number of external parts required
ORDERING INFORMATION
Order Number
Package
Packing
LA2284G-G09-T
SIP-9
Tube
LA2284G-SM2-T
MSOP-10
Tube
LA2284G-SM2-R
MSOP-10
Tape Reel
LA2284AG-G09-T
SIP-9
Tube
LA2284AG-SM2-T
MSOP-10
Tube
LA2284AG-SM2-R
MSOP-10
Tape Reel
MARKING
Package
MARKING
LA2284
LA2284A
SIP-9
MSOP-10


Similar Part No. - LA2284A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LA2284A-G09-T UTC-LA2284A-G09-T Datasheet
142Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
LA2284A-SM1-R UTC-LA2284A-SM1-R Datasheet
142Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
LA2284AG-G09-T UTC-LA2284AG-G09-T Datasheet
176Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
LA2284AG-G09-T UTC-LA2284AG-G09-T Datasheet
175Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
LA2284AG-SM2-R UTC-LA2284AG-SM2-R Datasheet
176Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
More results

Similar Description - LA2284A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LA2284 UTC-LA2284 Datasheet
114Kb / 4P
   5-DOT DUAL LED LEVEL METER DRIVER
logo
Powertip Technology
KA2281 POWERTIP-KA2281 Datasheet
121Kb / 3P
   5-DOT DUAL LED LEVEL METER DRIVER
logo
Samsung semiconductor
KA2281 SAMSUNG-KA2281 Datasheet
123Kb / 3P
   5-Dot Dual Led Level Meter Driver
logo
Unisonic Technologies
LA2284 UTC-LA2284_11 Datasheet
176Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
LA2284 UTC-LA2284_05 Datasheet
142Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
LA2284 UTC-LA2284_17 Datasheet
175Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
logo
Samsung semiconductor
KA2284 SAMSUNG-KA2284 Datasheet
98Kb / 4P
   5 DOT LED LEVEL METER DRIVER
S1A2284A01 SAMSUNG-S1A2284A01 Datasheet
42Kb / 4P
   5 DOT LED LEVEL METER DRIVER
KA2287 SAMSUNG-KA2287 Datasheet
114Kb / 3P
   5 DOT LED LINEAR LEVEL METER DRIVER
logo
Unisonic Technologies
A6966 UTC-A6966_15 Datasheet
169Kb / 4P
   5 DOT LED LEVEL METER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com