Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APHB1608SYKSURKC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APHB1608SYKSURKC
Description  Compatible with reflow soldering
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHB1608SYKSURKC Datasheet(HTML) 2 Page - Kingbright Corporation

  APHB1608SYKSURKC Datasheet HTML 1Page - Kingbright Corporation APHB1608SYKSURKC Datasheet HTML 2Page - Kingbright Corporation APHB1608SYKSURKC Datasheet HTML 3Page - Kingbright Corporation APHB1608SYKSURKC Datasheet HTML 4Page - Kingbright Corporation APHB1608SYKSURKC Datasheet HTML 5Page - Kingbright Corporation APHB1608SYKSURKC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAK7903
REV NO: V.7A
DATE: MAR/16/2015
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1203011313
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
* Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APHB1608SYKSURKC
Water Clear
80
150
130
°
*80
*150
Hyper Red (AlGaInP)
120
250
*40
*90
Super Bright Yellow (AlGaInP)
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Yellow
Hyper Red
590
645
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Yellow
Hyper Red
590
630
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Yellow
Hyper Red
20
28
nm
IF=20mA
C
Capacitance
Super Bright Yellow
Hyper Red
20
35
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Yellow
Hyper Red
2
1.95
2.5
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Yellow
Hyper Red
10
10
uA
VR = 5V
Parameter
Super Bright Yellow
Hyper Red
Units
Power dissipation
75
75
mW
DC Forward Current
30
30
mA
Peak Forward Current [1]
175
185
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
4. Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.


Similar Part No. - APHB1608SYKSURKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608SYKSURKC TO-GRACE-APHB1608SYKSURKC Datasheet
972Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results

Similar Description - APHB1608SYKSURKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
   Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
   Compatible with reflow soldering
APHB1608LZGKSYKC KINGBRIGHT-APHB1608LZGKSYKC Datasheet
302Kb / 6P
   Compatible with reflow soldering
APHB1608LQBDCGKC KINGBRIGHT-APHB1608LQBDCGKC Datasheet
281Kb / 6P
   Compatible with reflow soldering
APHB1608LQBDSURKC KINGBRIGHT-APHB1608LQBDSURKC Datasheet
299Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDSEKJ3C KINGBRIGHT-APHB1608LVBDSEKJ3C Datasheet
285Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDSYKJ3C KINGBRIGHT-APHB1608LVBDSYKJ3C Datasheet
290Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDZGKC KINGBRIGHT-APHB1608LVBDZGKC Datasheet
303Kb / 6P
   Compatible with reflow soldering
APHB1608LZGKSURKC KINGBRIGHT-APHB1608LZGKSURKC Datasheet
280Kb / 6P
   Compatible with reflow soldering
APHB1608LSYKSURKC KINGBRIGHT-APHB1608LSYKSURKC Datasheet
272Kb / 6P
   Compatible with reflow soldering
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com