Electronic Components Datasheet Search |
|
APHBM2012LQBDCGKC Datasheet(PDF) 2 Page - Kingbright Corporation |
|
APHBM2012LQBDCGKC Datasheet(HTML) 2 Page - Kingbright Corporation |
2 / 6 page SPEC NO: DSAO4528 REV NO: V.1B DATE: AUG/01/2015 PAGE: 2 OF 6 APPROVED: Wynec CHECKED: Allen Liu DRAWN: M.Liu ERP: 1203015144 Selection Guide Absolute Maximum Ratings at TA=25°C Electrical / Optical Characteristics at TA=25°C Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Part No. Emitting Color (Material) Lens Type Iv (mcd) [2] @ 2mA Viewing Angle [1] Min. Typ. 2θ1/2 APHBM2012LQBDCGKC Blue (InGaN) Water Clear 6 12 Green (AlGaInP) 1.2 2 120 ° Symbol Parameter Emitting Color Typ. Max. Units Test Conditions λpeak Peak Wavelength Blue Green 460 574 nm IF=2mA λD [1] Dominant Wavelength Blue Green 465 570 nm IF=2mA Δλ1/2 Spectral Line Half-width Blue Green 25 20 nm IF=2mA C Capacitance Blue Green 100 15 pF VF=0V;f=1MHz VF [2] Forward Voltage Blue Green 2.65 1.9 3 2.1 V IF=2mA IR Reverse Current Blue Green 50 10 uA VR = 5V Min. 2.2 1.5 Parameter Blue Green Units Power dissipation 90 63 mW DC Forward Current 30 30 mA Peak Forward Current [1] 150 150 mA Reverse Voltage 5 V Operating Temperature -40°C To +85°C Storage Temperature -40°C To +85°C Electrostatic Discharge Threshold (HBM) 250 V 3000 Notes: 1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value. 2. Luminous intensity / luminous Flux: +/-15%. 3. Luminous intensity value is traceable to the CIE127-2007 compliant national standards. Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. 3. Wavelength value is traceable to the CIE127-2007 compliant national standards. 4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure. |
Similar Part No. - APHBM2012LQBDCGKC |
|
Similar Description - APHBM2012LQBDCGKC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |