Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7202CN Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7202CN
Description  High Speed, Dual Channel Power MOSFET Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7202CN Datasheet(HTML) 7 Page - Intersil Corporation

  EL7202CN Datasheet HTML 1Page - Intersil Corporation EL7202CN Datasheet HTML 2Page - Intersil Corporation EL7202CN Datasheet HTML 3Page - Intersil Corporation EL7202CN Datasheet HTML 4Page - Intersil Corporation EL7202CN Datasheet HTML 5Page - Intersil Corporation EL7202CN Datasheet HTML 6Page - Intersil Corporation EL7202CN Datasheet HTML 7Page - Intersil Corporation EL7202CN Datasheet HTML 8Page - Intersil Corporation EL7202CN Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN7282.2
July 3, 2006
**** EL7212 model ****
*
input
*
|
gnd
*
|
|
Vsupply
*
|
|
|
Vout
.subckt M7212
2
3
6
7
V1 12 3 1.6
R1 13 15 1k
R2 14 15 5k
R5 11 12 100
C1 15 3 43.3 pF
D1 14 13 dmod
X1 13 11 2 3 comp1
X2 16 12 15 3 comp1
sp 6 7 16 3 spmod
sn 7 3 16 3 snmod
g1 11 0 13 0 938µ
.model dmod d
.model spmod vswitch ron3 roff2meg von1 voff1.5
.model snmod vswitch ron4 roff2meg von3 voff2
.ends M7212
.subckt comp1 out inp inm vss
e1 out vss table { (v(inp) v(inm))* 5000} (0,0) (3.2,3.2)
Rout out vss 10meg
Rinp inp vss 10meg
Rinm inm vss 10meg
.ends comp1
EL7212 Macro Model
EL7202, EL7212, EL7222


Similar Part No. - EL7202CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7202CN ELANTEC-EL7202CN Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
EL7202CN INTERSIL-EL7202CN Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7202CN RENESAS-EL7202CN Datasheet
522Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
More results

Similar Description - EL7202CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 INTERSIL-ISL89410_09 Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7202 RENESAS-EL7202 Datasheet
522Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 RENESAS-ISL89410 Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Microchip Technology
TC426COA713 MICROCHIP-TC426COA713 Datasheet
528Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
TelCom Semiconductor, I...
TC4426 TELCOM-TC4426 Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com