Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL2556 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL2556
Description  1A USB Load Current Switch with 5V Output Voltage Limit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2556 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL2556 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2556 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2556 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2556 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.belling.com.cn
4
BL2556
DETAILED DESCRIPTION
Operation
The BL2556 is a current limited switch that protects
systems and loads which can be damaged or
disrupted by the application of high currents. The
core of each device is a 0.25Ω P-channel MOSFET
and a controller capable of functioning over a wide
input operating range up to 10V. The chip protects
against system malfunctions through current
limiting,
undervoltage
lockout
and
thermal
shutdown. The current limit is set around 1.5A and
it offers an unique function to limit output voltage
at 5V.
On/Off control
The CE pin controls the state of the switch. When
CE is high, the switch is in the ON state. Activating
CE continuously holds the switch in the on state
so long as there is no fault. An under voltage on
VIN or a junction temperature in excess of 165°C
overrides the CE control to turn off the switch.
Output Over-Voltage Limiting
BL2556 provides an unique output voltage
limiting function, to protect the load which
follows it. When BL2556 find out input voltage
higher than 5.3V, it will limit the output voltage,
so the output will not exceed standard USB
voltage even when input comes across a voltage
surge.
Current limiting
The current limit is internally set around 1.5A to
ensure a 1A application.
Thermal and Short Circuit Protection
BL2556 will shut off its output when its
temperature higher than 165°C (typical value).
And it has unique short circuit fold-back function
to keep itself cold when output is shorted to GND.
PACKAGE OUTLINE
Package
SOT23-5
Devices per reel
3000
Unit
mm
Package specification:


Similar Part No. - BL2556

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
BL2553 BELLING-BL2553 Datasheet
474Kb / 9P
   USB ports/Hubs
BL2553 BELLING-BL2553_14 Datasheet
474Kb / 9P
   USB ports/Hubs
BL2554 BELLING-BL2554 Datasheet
455Kb / 6P
   Adjustable USB Load Current Switch
BL2554CB5TR BELLING-BL2554CB5TR Datasheet
455Kb / 6P
   Adjustable USB Load Current Switch
More results

Similar Description - BL2556

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5018 MPS-MP5018 Datasheet
563Kb / 15P
   5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
MP5007 MPS-MP5007 Datasheet
586Kb / 11P
   5V, 1A- 5A Programmable Current Limit Switch
MP5010S MPS-MP5010S Datasheet
782Kb / 13P
   5V, 1A- 5A Programmable Current Limit Switch
MP5010 MPS-MP5010 Datasheet
978Kb / 12P
   5V, 1A- 5A Programmable Current Limit Switch
MP5001 MPS-MP5001 Datasheet
737Kb / 12P
   5V, 1A- 5A Programmable Current Limit Switch
logo
Kinetic Technologies.
KTS1690A KINETIC-KTS1690A Datasheet
218Kb / 2P
   USB VBUS ISOURCE Load Switch with Current Limit Control
June 2022 - Revision 04a Page
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Monolithic Power System...
MP6219 MPS-MP6219 Datasheet
715Kb / 11P
   5V, 1A ??2A Programmable Current Limit Power Distribution Switch
logo
Will Semiconductor Ltd.
WD3120E WILLSEMI-WD3120E Datasheet
264Kb / 11P
   1A output current, fixed 5V Output voltage, Boost Converter with 2.75A Main-Switch
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com