Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7516IY-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7516IY-T7
Description  600kHz/1.2MHz PWM Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7516IY-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL7516IY-T7 Datasheet HTML 1Page - Intersil Corporation EL7516IY-T7 Datasheet HTML 2Page - Intersil Corporation EL7516IY-T7 Datasheet HTML 3Page - Intersil Corporation EL7516IY-T7 Datasheet HTML 4Page - Intersil Corporation EL7516IY-T7 Datasheet HTML 5Page - Intersil Corporation EL7516IY-T7 Datasheet HTML 6Page - Intersil Corporation EL7516IY-T7 Datasheet HTML 7Page - Intersil Corporation EL7516IY-T7 Datasheet HTML 8Page - Intersil Corporation EL7516IY-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN7333.6
October 9, 2007
Typical Performance Curves
FIGURE 1. EFFICIENCY - 3.3V VIN TO 12V VOUT @ 1.3MHz
FIGURE 2. LOAD REGULATION - 3.3V VIN TO 12V VOUT
@ 1.3MHz
FIGURE 3. EFFICIENCY - 3.3V VIN TO 12V VOUT @ 620kHz
FIGURE 4. LOAD REGULATION - 3.3V VIN TO 12V VOUT
@ 620kHz
FIGURE 5. EFFICIENCY - 3.3V VIN TO 9V VOUT @ 1.2MHz
FIGURE 6. LOAD REGULATION - 3.3V VIN TO 9V VOUT
@ 1.2MHz
0
100
200
300
400
95
90
85
80
75
IOUT (mA)
0
50
250
300
350
0.6
0.2
-0.2
-0.6
-1.0
IOUT (mA)
100
150
200
0.4
0
-0.4
-0.8
0
100
200
300
400
90
85
80
75
IOUT (mA)
1.0
0.5
-0.5
-1.0
IOUT (mA)
0
50
250
300
350
100
150
200
0
0
100
300
400
500
95
90
80
70
IOUT (mA)
85
75
200
1.0
0.5
-0.5
-1.0
IOUT (mA)
0
300
400
500
100
200
0
EL7516


Similar Part No. - EL7516IY-T7

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EL7516IY-T7 IRF-EL7516IY-T7 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IY-T7 INTERSIL-EL7516IY-T7 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY-T7 INTERSIL-EL7516IY-T7 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY-T7 INTERSIL-EL7516IY-T7 Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Renesas Technology Corp
EL7516IY-T7 RENESAS-EL7516IY-T7 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - EL7516IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com