Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1904FAZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL1904FAZ
Description  Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1904FAZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL1904FAZ Datasheet HTML 5Page - Intersil Corporation ISL1904FAZ Datasheet HTML 6Page - Intersil Corporation ISL1904FAZ Datasheet HTML 7Page - Intersil Corporation ISL1904FAZ Datasheet HTML 8Page - Intersil Corporation ISL1904FAZ Datasheet HTML 9Page - Intersil Corporation ISL1904FAZ Datasheet HTML 10Page - Intersil Corporation ISL1904FAZ Datasheet HTML 11Page - Intersil Corporation ISL1904FAZ Datasheet HTML 12Page - Intersil Corporation ISL1904FAZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ISL1904
9
FN8286.1
September 20, 2012
Absolute Maximum Ratings (Note 4)
Thermal Information
Supply Voltage, VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +28.0V
OUT, PWMOUT, DHC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to VDD
Signal Pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VREF + 0.3V
VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to 6.0V
Peak OUT Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.0A
Peak PWMOUT Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.0A
ESD Classification
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . . 2500V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . . . . . . . 200V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93). . . . . . . . 1000V
Latch up (Per JESD-78B; Class 1, Level A) . . . . . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
16 Ld QSOP Package (Notes 5, 6) . . . . . . .
85
44
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . -55°C to 150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . . . -65°C to 150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . . . . . . 9 TO 20 VDC
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. All voltages are with respect to GND.
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram -
ISL1904” on page 2 and “Typical Application schematics” beginning on page 3. VDD = 17V, RRAMP = 54kΩ, CRAMP = 470pF, TA = -40°C to
+125°C, Typical values are at TA = +25°C; Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
SUPPLY VOLTAGE
Supply Voltage
--
26
V
Start-Up Current, IDD
VDD = 5.0V
-
100
200
µA
Operating Current, IDD
RLOAD, COUT = 0
-
6.0
7.8
mA
UVLO START Threshold
8.15
8.55
8.95
V
UVLO STOP Threshold
6.80
7.10
7.50
V
Hysteresis
-1.45
-
V
REFERENCE VOLTAGE VREF
Overall Accuracy
IVREF = 0 - -10mA, 8V < VDD< 26V
5.30
5.40
5.50
V
Long Term Stability
TA = 125°C, 1000 hours (Note 8)
-
10
25
mV
Operational Current (Source)
8V < VDD< 26V
-
-
-10
mA
Current Limit
VREF = 5.00V, 8V < VDD< 26V
-100
-
-15
mA
Load Capacitance
(Note 8)
0.1
-
3.3
µF
PEAK CURRENT SENSE (OC)
Current Limit Threshold
VERR = VREF, RAMP = 0V
570
595
616
mV
IOUT Amplifier Gain
VOC = 0.4V, 8V < VDD< 17V
3.83
4.00
4.18
V/V
IOUT High Level Output Voltage (VOH)
VIOUT @ 0µA - VIOUT @ -100µA,
8V < VDD< 26V
--
0.1
V
IOUT Low Level Output Voltage (VOL)
VIOUT @ 100µA, 8V < VDD< 26V
-
-
0.1
V
Leading Edge Blanking (LEB) Duration
70
120
146
ns
OC to OUT Delay + LEB
TA = 25°C
110
170
200
ns
Input Bias Current
VOC = 0.3V
-1.0
-
1.0
µA


Similar Part No. - ISL1904FAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1904FAZ RENESAS-ISL1904FAZ Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
More results

Similar Description - ISL1904FAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
   Single-Stage PFC Primary-Side-Regulation LED Driver
logo
Holtek Semiconductor In...
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
   Primary side regulation off line LED driver with active PFC
logo
Fairchild Semiconductor
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
   Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com