Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8023D Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8023D
Description  300mA Bi-Direction Relay Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8023D Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

  BL8023D Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8023D Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8023D Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8023D Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8023D Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8023D Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.belling.com.cn
6
BL8023D
PACKAGE OUTLINE
Package
SOT23-6
Devices per reel
3000
Unit
mm
Package specification:


Similar Part No. - BL8023D

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8023D BELLING-BL8023D Datasheet
660Kb / 5P
   300mA Bi-Direction Relay Driver
BL8023DCB6TR BELLING-BL8023DCB6TR Datasheet
660Kb / 5P
   300mA Bi-Direction Relay Driver
BL8023D BELLING-BL8023D_16 Datasheet
660Kb / 5P
   300mA Bi-Direction Relay Driver
More results

Similar Description - BL8023D

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8023F BELLING-BL8023F Datasheet
668Kb / 6P
   300mA Bi-Direction Relay Driver
BL8023F BELLING-BL8023F_16 Datasheet
703Kb / 6P
   300mA Bi-Direction Relay Driver
logo
Unisonic Technologies
URYD21 UTC-URYD21 Datasheet
151Kb / 4P
   300mA BI-DIRECTION RELAY DRIVER
logo
SHANGHAI BELLING CO., L...
BL8023D BELLING-BL8023D_16 Datasheet
660Kb / 5P
   300mA Bi-Direction Relay Driver
BL8023C BELLING-BL8023C_16 Datasheet
742Kb / 6P
   300mA Bi-Direction Relay Driver
BL8023H BELLING-BL8023H Datasheet
788Kb / 6P
   400mA Bi-Direction Relay Driver
BL8123 BELLING-BL8123 Datasheet
585Kb / 5P
   400mA Bi-Direction Driver
logo
Jiangsu Changjiang Elec...
ESDBL5V0AE1 JIANGSU-ESDBL5V0AE1 Datasheet
1Mb / 6P
   Bi-direction ESD Protection Diode
ESDBU5V0Y1 JIANGSU-ESDBU5V0Y1 Datasheet
698Kb / 6P
   Bi-direction ESD Protection Diode
ESDBW5V0A1 JIANGSU-ESDBW5V0A1 Datasheet
8Mb / 6P
   Bi-direction ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com