Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6121LIBZA Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6121LIBZA
Description  Single Supply Integrated Current Limiting Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6121LIBZA Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6121LIBZA Datasheet HTML 1Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 2Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 3Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 4Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 5Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 6Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 7Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 8Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN9004.2
November 12, 2004
Simplified Block Diagram
GND
VIN
VIN
EN
FAULT
OUT
OUT
OUT
Q-PUMP
CURRENT AND TEMP.
POR
MONITORING, GATE AND
OUTPUT CONTROL
LOGIC
LOGIC
Pin Descriptions
PIN #
SYMBOL
FUNCTION
DESCRIPTION
1
GND
IC GND Reference
2, 3
VIN
Chip Bias, Controlled
Supply Input, Undervoltage
Lock-Out
VIN provides chip bias voltage. At VIN < 2.5V chip functionality is disabled, FAULT latch
is cleared and floating. OUT is pulled and held low.
4
ENABLE /
ENABLE
Enable / Enable Not Input
Enables chip when VIN and ENABLE > 2.5V or ENABLE < 0.6V
5
FAULT
Over Current Fault Indicator Overcurrent fault indicator. FAULT is disabled for 12ms after turn-on. This output is pulled
low to GND after the current limit time-out period has expired and stays latched until
ENABLE is deasserted.
6, 7, 8
VOUT
Controlled Supply Output
Voltage output, connect to load to protect. Upon an overcurrent condition VOUT is current
limited to 2A. Current limit response time is within 200
µS. This output will remain in current
limit for approximately 12ms before being latched off.
ISL6121


Similar Part No. - ISL6121LIBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6121LIBZA INTERSIL-ISL6121LIBZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121LIBZA RENESAS-ISL6121LIBZA Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121LIBZA-T INTERSIL-ISL6121LIBZA-T Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121LIBZA-T RENESAS-ISL6121LIBZA-T Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
More results

Similar Description - ISL6121LIBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6121 INTERSIL-ISL6121 Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com