Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54T02 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS54T02
Description  Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS54T02 Datasheet(HTML) 5 Page - Texas Instruments

  ADS54T02_15 Datasheet HTML 1Page - Texas Instruments ADS54T02_15 Datasheet HTML 2Page - Texas Instruments ADS54T02_15 Datasheet HTML 3Page - Texas Instruments ADS54T02_15 Datasheet HTML 4Page - Texas Instruments ADS54T02_15 Datasheet HTML 5Page - Texas Instruments ADS54T02_15 Datasheet HTML 6Page - Texas Instruments ADS54T02_15 Datasheet HTML 7Page - Texas Instruments ADS54T02_15 Datasheet HTML 8Page - Texas Instruments ADS54T02_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ADS54T02
www.ti.com
SLAS933B – JANUARY 2013 – REVISED JANUARY 2014
PACKAGE/ORDERING INFORMATION
SPECIFIED
LEAD/
TRANSPORT
ECO
ORDERING
PACKAGE-
PACKAGE
PACKAGE
PRODUCT
TEMPERATURE
BALL
MEDIA,
LEAD
DESIGNATOR
MARKING
NUMBER
PLAN(2)
RANGE
FINISH
QUANTITY
GREEN
ADS54T02IZAY
Tray
ADS54T02
196-BGA
ZAY
–40°C to 85°C
ADS54T02I
(RoHS & no
ADS54T02IZAYR
Tape and Reel
Sb/Br)
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Supply voltage range, AVDD33
–0.5
4
V
Supply voltage range, AVDDC
–0.5
2.3
V
Supply voltage range, AVDD18
–0.5
2.3
V
Supply voltage range, DVDD
–0.5
2.3
V
Supply voltage range, DVDDLVDS
–0.5
2.3
V
Supply voltage range, IOVDD
–0.5
4
V
INA/B_P, INA/B_N
–0.5
AVDD33 + 0.5
V
CLKINP, CLKINN
–0.5
AVDDC + 0.5
V
Voltage applied to input pins
SYNCP, SYNCN
–0.5
AVDD33 + 0.5
V
SRESET, SDENB, SCLK, SDIO, SDO, ENABLE
–0.5
IOVDD + 0.5
V
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
150
°C
Storage temperature range
–65
150
°C
ESD, Human Body Model
2
kV
THERMAL INFORMATION
ADS54T02
THERMAL METRIC(1)
nFBGA
UNITS
196 PINS
θJA
Junction-to-ambient thermal resistance(2)
37.6
θJCtop
Junction-to-case (top) thermal resistance(3)
6.8
θJB
Junction-to-board thermal resistance(4)
16.8
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.2
ψJB
Junction-to-board characterization parameter(6)
16.4
θJCbot
Junction-to-case (bottom) thermal resistance(7)
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS54T02


Similar Part No. - ADS54T02_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T02IZAY TI-ADS54T02IZAY Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02IZAYR TI-ADS54T02IZAYR Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
More results

Similar Description - ADS54T02_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 43P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
LM97937 TI1-LM97937 Datasheet
4Mb / 80P
[Old version datasheet]   Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com