Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54T02 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS54T02
Description  Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS54T02 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS54T02_15 Datasheet HTML 5Page - Texas Instruments ADS54T02_15 Datasheet HTML 6Page - Texas Instruments ADS54T02_15 Datasheet HTML 7Page - Texas Instruments ADS54T02_15 Datasheet HTML 8Page - Texas Instruments ADS54T02_15 Datasheet HTML 9Page - Texas Instruments ADS54T02_15 Datasheet HTML 10Page - Texas Instruments ADS54T02_15 Datasheet HTML 11Page - Texas Instruments ADS54T02_15 Datasheet HTML 12Page - Texas Instruments ADS54T02_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
ADS54T02
www.ti.com
SLAS933B – JANUARY 2013 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 750Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, –1dBFS differential input (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OVER-DRIVE RECOVERY ERROR
Recovery to within 5% (of final value) for 6dB
Input overload recovery
2
ns
overload with sine wave input
SAMPLE TIMING CHARACTERISTICS
rms
Aperture Jitter
Sample uncertainty
100
fs rms
ADC sample to digital output, auto correction disabled
38
Clock
Cycles
ADC sample to digital output, auto correction enabled
50
Data Latency
Sampling
ADC sample to digital output, Decimation filter
74
clock
enabled, Auto correction disabled
Cycles
Clock
Over-range Latency
ADC sample to over-range output
12
Cycles
ELECTRICAL CHARACTERISTICS
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1. AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS – SRESET, SCLK, SDENB, SDIO, ENABLE
0.7 x
High-level input voltage
V
IOVDD
All digital inputs support 1.8V and 3.3V logic
levels.
0.3 x
Low-level input voltage
V
IOVDD
High-level input current
–50
200
µA
Low-level input current
–50
50
µA
Input capacitance
5
pF
DIGITAL OUTPUTS – SDO
IOVDD –
Iload = -100uA
0.2
High-level output voltage
V
0.8 x
Iload = -2mA
IOVDD
Iload = 100uA
0.2
Low-level output voltage
V
0.22 x
Iload = 2mA
IOVDD
DIGITAL INPUTS – SYNCP/N, TRIGGERP/N
VID
Differential input voltage
250
350
450
mV
VCM
Input common mode voltage
1.125
1.2
1.375
V
tSU
500
ps
DIGITAL OUTPUTS – DA[11:0]P/N, DACLKP/N, OVRAP/N, SYNCOUTP/N, TRDYP/N, HRESP/N, DB[11:0]P/N, DBCLKP/N, OVRBP/N,
VOD
Output differential voltage
Iout = 3.5mA
250
350
450
mV
VOCM
Output common mode voltage
Iout = 3.5mA
1.125
1.25
1.375
V
Fs = 750Msps, Data valid to zero-crossing of
tsuA
320
400
ps
DACLK
Fs = 750Msps, Zero-crossing of DACLK to
thA
250
320
ps
data becoming invalid
Fs = 750Msps, Data valid to zero-crossing of
tsuB
400
460
ps
DBCLK
Fs = 750Msps, Zero-crossing of DBCLK to
thB
300
370
ps
data becoming invalid
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS54T02


Similar Part No. - ADS54T02_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T02IZAY TI-ADS54T02IZAY Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02IZAYR TI-ADS54T02IZAYR Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
More results

Similar Description - ADS54T02_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 43P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
LM97937 TI1-LM97937 Datasheet
4Mb / 80P
[Old version datasheet]   Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com