Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8095 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL8095
Description  24V-1.2A Asynchronous Buck Converter in SOT23-6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8095 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL8095 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.belling.com.cn
5
BL8095
Switching waveform Vin=24V, Iout=0.5A
(CH1=Vin, CH2=Vout, CH3=SW, CH4=Isw)
Switching waveform Vin=24V, Iout=1A
(CH1=Vin, CH2=Vout, CH3=SW, CH4=Isw)
Load Transient Response
Vin=12V, Iout=0.12 - 1A
(CH1=Vin, CH2=Vout, CH4=Isw)
Load Transient Response
Vin=24V, Iout=0.12 - 1A
(CH1=Vin, CH2=Vout, CH4=Isw)
FUNCTIONAL DECRIPTIONS
Loop Operation
The BL8095 is a wide input range, high-efficiency, DC-to-DC step-down switching regulator, capable of delivering up to
1.2A of output current, integrated with a 250m MOSFET, with external schottky diode. It uses a PWM current-mode
control scheme. An error amplifier integrates error between the FB signal and the internal reference voltage. The output
of the integrator is then compared to the sum of a current-sense signal and the slope compensation ramp. This
operation generates a PWM signal that modulates the duty cycle of the power MOSFETs to achieve regulation for output
voltage.
Current Limit
There is a cycle-by-cycle current limit on the high-side MOSFET of 1.5A(typ). When the current flowing out of SW
exceeds this limit, the high-side MOSFET turns off and the external schottky diode rectifier turns on. Unlike the
traditional method of current limiting by limiting the voltage at the internal compensation node, which usually has large
variation due to duty cycle variance, this type of peak current limiting scheme provides a relatively more accurate limit
for output current, thereby lowering the requirements for system design.
Light Load Operation
Traditionally, a fixed current mode constant frequency PWM DC-DC regulator always switches even when the output
load is small. When energy is shuffling back and forth through the power MOSFETs, power is lost due to the finite


Similar Part No. - BL8095

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8095 BELLING-BL8095 Datasheet
924Kb / 6P
   24V/1.2A Asynchronous Buck Converter in SOT23-6
BL8095CB6TR BELLING-BL8095CB6TR Datasheet
924Kb / 6P
   24V/1.2A Asynchronous Buck Converter in SOT23-6
BL8095 BELLING-BL8095_16 Datasheet
924Kb / 6P
   24V/1.2A Asynchronous Buck Converter in SOT23-6
More results

Similar Description - BL8095

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8095 BELLING-BL8095_16 Datasheet
924Kb / 6P
   24V/1.2A Asynchronous Buck Converter in SOT23-6
logo
Leshan Radio Company
LR8095 LRC-LR8095 Datasheet
1Mb / 6P
   24V/1.2A Asynchronous Buck Converter in SOT23-6
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
   1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Monolithic Power System...
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Active-Semi, Inc
ACT4082A ACTIVE-SEMI-ACT4082A Datasheet
425Kb / 11P
   16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 16-May-08
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
   1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
logo
Foshan Blue Rocket Elec...
BRCD3470 FOSHAN-BRCD3470 Datasheet
773Kb / 9P
   Synchronous Buck Converter in a SOT23-6 Plastic Package
logo
ETA SOLUTIONS CO. LIMIT...
ETA2360 ETA-ETA2360 Datasheet
133Kb / 1P
   1.4MHz, 0.3A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
   24V 4A Asynchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com