Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9K45-100E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK9K45-100E
Description  Dual N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9K45-100E Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK9K45-100E_15 Datasheet HTML 1Page - NXP Semiconductors BUK9K45-100E_15 Datasheet HTML 2Page - NXP Semiconductors BUK9K45-100E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9K45-100E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9K45-100E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9K45-100E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9K45-100E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9K45-100E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9K45-100E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BUK9K45-100E
Dual N-channel TrenchMOS logic level FET
26 March 2013
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Dual logic level N-channel MOSFET in a LFPAK56D package using TrenchMOS
technology. This product has been designed and qualified to AEC Q101 standard for use
in high performance automotive applications.
2. Features and benefits
Q101 compliant
Repetitive avalanche rated
Suitable for thermally demanding environments due to 175 °C rating
True logic level gate with VGS(th) > 0.5 V @ 175 °C
3. Applications
12 V Automotive systems
Motors, lamps and solenoid control
Start-stop micro-hybrid applications
Transmission control
Ultra high performance power switching
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
ID
drain current
VGS = 5 V; Tmb = 25 °C; Fig. 1
-
-
21
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
53
W
Static characteristics FET1 and FET2
RDSon
drain-source on-state
resistance
VGS = 5 V; ID = 5 A; Tj = 25 °C; Fig. 12
-
38.3
45
Dynamic characteristics FET1 and FET2
QGD
gate-drain charge
ID = 5 A; VDS = 80 V; VGS = 10 V;
Tj = 25 °C; Fig. 15; Fig. 14
-
7.3
-
nC


Similar Part No. - BUK9K45-100E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K45-100E NEXPERIA-BUK9K45-100E Datasheet
740Kb / 13P
   Dual N-channel TrenchMOS logic level FET
More results

Similar Description - BUK9K45-100E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9K29-100E PHILIPS-BUK9K29-100E_15 Datasheet
313Kb / 13P
   Dual N-channel TrenchMOS logic level FET
28 March 2013
logo
Nexperia B.V. All right...
PHKD6N02LT NEXPERIA-PHKD6N02LT Datasheet
748Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 04 - 27 April 2010
logo
NXP Semiconductors
PHN203 NXP-PHN203 Datasheet
204Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05-27 April 2010
BUK9K18-40E115 NXP-BUK9K18-40E115 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
logo
Nexperia B.V. All right...
BUK9K6R2-40E NEXPERIA-BUK9K6R2-40E Datasheet
739Kb / 13P
   Dual N-channel TrenchMOS logic level FET
PHKD13N03LT NEXPERIA-PHKD13N03LT Datasheet
781Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 5 - 27 December 2011
logo
NXP Semiconductors
BUK9K6R2-40E PHILIPS-BUK9K6R2-40E_15 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
BUK9K89-100E PHILIPS-BUK9K89-100E_15 Datasheet
296Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
BUK9K18-40E NXP-BUK9K18-40E Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
PHKD6N02LT NXP-PHKD6N02LT Datasheet
181Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 04-27 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com