Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y7R6-40E Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9Y7R6-40E
Description  N-channel 40 V, 7.6 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y7R6-40E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9Y7R6-40E_15 Datasheet HTML 2Page - NXP Semiconductors BUK9Y7R6-40E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9Y7R6-40E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9Y7R6-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9Y7R6-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9Y7R6-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9Y7R6-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9Y7R6-40E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9Y7R6-40E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK9Y7R6-40E
N-channel 40 V, 7.6 mΩ logic level MOSFET in LFPAK56
BUK9Y7R6-40E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
7 May 2013
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
QGD
gate-drain charge
-
5.5
-
nC
Ciss
input capacitance
-
1807
2403
pF
Coss
output capacitance
-
260
312
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
126
173
pF
td(on)
turn-on delay time
-
11.3
-
ns
tr
rise time
-
20.9
-
ns
td(off)
turn-off delay time
-
22.7
-
ns
tf
fall time
VDS = 30 V; RL = 1.5 Ω; VGS = 5 V;
RG(ext) = 5 Ω; Tj = 25 °C
-
16.6
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 20 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.84
1.2
V
trr
reverse recovery time
-
17
-
ns
Qr
recovered charge
IS = 20 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 25 V; Tj = 25 °C
-
8.1
-
nC
003aaj234
0
0.5
1
1.5
2
2.5
3
0
50
100
150
200
250
VDS (V)
ID
ID
(A)
(A)
2.4 V
2.4 V
2.8 V
2.8 V
VGS = 3 V
VGS = 3 V
3.5 V
3.5 V
4.5 V
4.5 V
10 V
10 V
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aaj235
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
VGS (V)
RDSon
RDSon
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Similar Part No. - BUK9Y7R6-40E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y7R6-40E NXP-BUK9Y7R6-40E Datasheet
358Kb / 13P
   N-channel 40 V, 7.6 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y7R6-40E NEXPERIA-BUK9Y7R6-40E Datasheet
769Kb / 13P
   N-channel 40 V, 7.6 mΩ logic level MOSFET in LFPAK56
7 May 2013
More results

Similar Description - BUK9Y7R6-40E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y7R6-40E NXP-BUK9Y7R6-40E Datasheet
358Kb / 13P
   N-channel 40 V, 7.6 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK7Y7R6-40E NXP-BUK7Y7R6-40E Datasheet
312Kb / 13P
   N-channel 40 V, 7.6 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y7R6-40E NEXPERIA-BUK9Y7R6-40E Datasheet
769Kb / 13P
   N-channel 40 V, 7.6 mΩ logic level MOSFET in LFPAK56
7 May 2013
logo
NXP Semiconductors
BUK7Y7R6-40E PHILIPS-BUK7Y7R6-40E_15 Datasheet
320Kb / 13P
   N-channel 40 V, 7.6 m standard level MOSFET in LFPAK56
7 May 2013
BUK9Y4R4-40E NXP-BUK9Y4R4-40E Datasheet
296Kb / 13P
   N-channel 40 V, 4.4 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y29-40E NXP-BUK9Y29-40E Datasheet
319Kb / 13P
   N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y12-40E NXP-BUK9Y12-40E Datasheet
326Kb / 13P
   N-channel 40 V, 12 m廓 logic level MOSFET in LFPAK56
14 February 2013
BUK9Y29-40E PHILIPS-BUK9Y29-40E_15 Datasheet
319Kb / 13P
   N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y21-40E PHILIPS-BUK9Y21-40E_15 Datasheet
301Kb / 13P
   N-channel 40 V, 21 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y21-40E NXP-BUK9Y21-40E Datasheet
292Kb / 13P
   N-channel 40 V, 21 m廓 logic level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com