Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61040-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS61040-Q1
Description  LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61040-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61040-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS61040-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS61040-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS61040-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS61040-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS61040-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS61040-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS61040-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS61040-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
230
250
270
290
310
330
350
370
390
410
430
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90
TPS61040
TPS61041
TA - Temperature - °C
240
242
244
246
248
250
252
254
256
258
260
1.8
2.4
3
3.6
4.2
4.8
5.4
6
VCC - Supply Voltage - V
TA = 27°C
0
200
400
600
800
1000
1200
−40 −30 −20 −10 0
10 20 30 40 50 60 70 80 90
TA − Temperature − °C
TPS61041
TPS61040
380
385
390
395
400
405
410
415
420
1.8
2.4
3
3.6
4.2
4.8
5.4
6
VCC - Supply Voltage - V
TA = 27°C
TPS61040-Q1
TPS61041-Q1
SGLS276C – JANUARY 2005 – REVISED APRIL 2012
www.ti.com
TPS61040/41
TPS61041
SWITCH CURRENT LIMIT
CURRENT LIMIT
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 7.
Figure 8.
TPS61040
TPS61040/41
CURRENT LIMIT
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 9.
Figure 10.
8
Copyright © 2005–2012, Texas Instruments Incorporated


Similar Part No. - TPS61040-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
More results

Similar Description - TPS61040-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_V01 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
TPS61040 TI-TPS61040_07 Datasheet
527Kb / 22P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com