Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61093-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61093-Q1
Description  TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61093-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61093-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS61093-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS61093-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS61093-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS61093-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS61093-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS61093-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS61093-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS61093-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
R1
294kW
V 15V/50mA
o
TPS61093
CP1
CP2
SW
FB
EN
OUT
VO
VIN
GND
SS
C1
4.7 F
m
R2
10.2kW
L1
10 H
m
V
1.8Vto6V
in
R3
200kW
C5
1 F
m
C3
100nF
C2
0.1 F
m
C4
100 F
m
C6
10nF
TPS61093-Q1
SLVSCO6 – JANUARY 2015
www.ti.com
9 Application and Implementation
9.1 Application Information
The following section provides a step-by-step design approach for configuring the TPS61093-Q1 as a voltage
regulating boost converter, as shown in Figure 6.
9.2 Typical Applications
9.2.1 15V Output Boost Converter
Figure 6. 15V Boost Converter with 100µF Output Capacitor
9.2.1.1 Design Requirements
Table 2. Design Parameters
PARAMETERS
VALUES
Input voltage
4.2 V
Output voltage
15 V
Operating frequency
1.2 MHz
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS61093-Q1


Similar Part No. - TPS61093-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61093 TI-TPS61093 Datasheet
753Kb / 20P
[Old version datasheet]   LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
TPS61093DSK TI-TPS61093DSK Datasheet
753Kb / 20P
[Old version datasheet]   LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
TPS61093DSKR TI-TPS61093DSKR Datasheet
753Kb / 20P
[Old version datasheet]   LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
TPS61093DSKT TI-TPS61093DSKT Datasheet
753Kb / 20P
[Old version datasheet]   LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
TPS61093 TI-TPS61093_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61093 Low-Input Boost Converter With Integrated Power Diode and Input/Output Isolation
More results

Similar Description - TPS61093-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61093 TI-TPS61093_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61093 Low-Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093 TI-TPS61093 Datasheet
753Kb / 20P
[Old version datasheet]   LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
TLV61046A TI1-TLV61046A Datasheet
1Mb / 24P
[Old version datasheet]   28-V Output Voltage Boost Converter with Power Diode and Isolation Switch
logo
AIMTEC
AM6TIW-RZ AIMTEC-AM6TIW-RZ Datasheet
174Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM6TI-Z AIMTEC-AM6TI-Z Datasheet
190Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
logo
Texas Instruments
TPS61260 TI1-TPS61260 Datasheet
1,004Kb / 21P
[Old version datasheet]   TINY LOW INPUT VOLTAGE BOOST CONVERTER
MAY2011
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
MCP1641X MICROCHIP-MCP1641X_V01 Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
Revision D September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com