Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61098 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61098
Description  TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61098 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61098_15 Datasheet HTML 6Page - Texas Instruments TPS61098_15 Datasheet HTML 7Page - Texas Instruments TPS61098_15 Datasheet HTML 8Page - Texas Instruments TPS61098_15 Datasheet HTML 9Page - Texas Instruments TPS61098_15 Datasheet HTML 10Page - Texas Instruments TPS61098_15 Datasheet HTML 11Page - Texas Instruments TPS61098_15 Datasheet HTML 12Page - Texas Instruments TPS61098_15 Datasheet HTML 13Page - Texas Instruments TPS61098_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Boost Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
200
D009
VIN = 0.7 V
VIN = 1.2 V
VIN = 2 V
VIN = 3 V
Boost Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
200
D025
VIN = 0.7 V
VIN = 1.2 V
VIN = 2 V
VIN = 3 V
Boost Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
D007
VIN = 0.7 V
VIN = 1.5 V
VIN = 2.5 V
VIN = 3 V
VIN = 3.6 V
VIN = 4.3 V
Boost Output Current (mA)
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
200
D008
VIN = 0.7 V
VIN = 1.2 V
VIN = 2 V
VIN = 3 V
Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
460
470
480
490
500
510
D005
VIN = 0.7 V
VIN = 1.5 V
VIN = 3.1 V
Boost Output Current (mA)
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
D006
VIN = 0.7 V
VIN = 1.2 V
VIN = 2 V
TPS61098, TPS610981, TPS610982
SLVS873B – JUNE 2015 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
TPS61098x
VIN < V(MAIN)
TPS61098
MODE = Low
V(MAIN) = 2.2 V
Figure 13. Current Limit vs Temperature
Figure 14. Boost Efficiency vs Output Current at Low Power
Mode
TPS61098
MODE = High
V(MAIN) = 4.3 V
TPS610981
MODE = Low
V(MAIN) = 3.3 V
Figure 15. Boost Efficiency vs Output Current at Active
Figure 16. Boost Efficiency vs Output Current at Low Power
Mode
Mode
TPS610981
MODE = High
V(MAIN) = 3.3 V
TPS610982
MODE = Low
V(MAIN) = 3.3 V
Figure 17. Boost Efficiency vs Output Current at Active
Figure 18. Boost Efficiency vs Output Current at Low Power
Mode
Mode
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS61098 TPS610981 TPS610982


Similar Part No. - TPS61098_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
More results

Similar Description - TPS61098_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com