Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK764R2-80E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK764R2-80E
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK764R2-80E Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK764R2-80E_15 Datasheet HTML 1Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 2Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 3Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 4Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 5Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 6Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 7Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 8Page - NXP Semiconductors BUK764R2-80E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
BUK764R2-80E
N-channel TrenchMOS standard level FET
BUK764R2-80E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
5 October 2012
2 / 13
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
D
drain
3
S
source
mb
D
mounting base; connected to
drain
mb
1
3
2
D2PAK (SOT404)
S
D
G
mbb076
3. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BUK764R2-80E
D2PAK
plastic single-ended surface-mounted package (D2PAK); 3 leads
(one lead cropped)
SOT404
4. Marking
Table 4.
Marking codes
Type number
Marking code
BUK764R2-80E
BUK764R2-80E
5. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
80
V
VDGR
drain-gate voltage
RGS = 20 kΩ
-
80
V
VGS
gate-source voltage
Tj ≤ 175 °C; DC
-20
20
V
Tmb = 25 °C; VGS = 10 V; Fig. 1
[1]
-
120
A
ID
drain current
Tmb = 100 °C; VGS = 10 V; Fig. 1
[1]
-
120
A
IDM
peak drain current
Tmb = 25 °C; pulsed; tp ≤ 10 µs; Fig. 4
-
713
A
Ptot
total power dissipation
Tmb = 25 °C; Fig. 2
-
324
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C


Similar Part No. - BUK764R2-80E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK764R2-80E NEXPERIA-BUK764R2-80E Datasheet
727Kb / 13P
   N-channel TrenchMOS standard level FET
More results

Similar Description - BUK764R2-80E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com