Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK765R3-40E Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK765R3-40E
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK765R3-40E Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK765R3-40E_15 Datasheet HTML 1Page - NXP Semiconductors BUK765R3-40E_15 Datasheet HTML 2Page - NXP Semiconductors BUK765R3-40E_15 Datasheet HTML 3Page - NXP Semiconductors BUK765R3-40E_15 Datasheet HTML 4Page - NXP Semiconductors BUK765R3-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK765R3-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK765R3-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK765R3-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK765R3-40E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
BUK765R3-40E
N-channel TrenchMOS standard level FET
BUK765R3-40E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
13 July 2012
5 / 13
003aah153
single shot
0.2
0.1
0.05
10-3
10-2
10-1
1
10
10-6
10-5
10-4
10-3
10-2
10-1
1
tp(s)
Zth(j-mb)
(K/W)
δ = 0.5
0.02
tp
T
P
t
tp
T
δ =
Fig. 5. Transient thermal impedance from junction to mounting base as a function of pulse duration
7. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ID = 250 µA; VGS = 0 V; Tj = 25 °C
40
-
-
V
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = -55 °C
36
-
-
V
ID = 1 mA; VDS = VGS; Tj = 25 °C;
Fig. 9; Fig. 10
2.4
3
4
V
ID = 1 mA; VDS = VGS; Tj = -55 °C;
Fig. 10
-
-
4.5
V
VGS(th)
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = 175 °C;
Fig. 10
1
-
-
V
VDS = 40 V; VGS = 0 V; Tj = 25 °C
-
0.08
1
µA
IDSS
drain leakage current
VDS = 40 V; VGS = 0 V; Tj = 175 °C
-
-
500
µA
VGS = 20 V; VDS = 0 V; Tj = 25 °C
-
2
100
nA
IGSS
gate leakage current
VGS = -20 V; VDS = 0 V; Tj = 25 °C
-
2
100
nA
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 11
-
4.2
4.9
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 175 °C;
Fig. 12; Fig. 11
-
-
9.3
Dynamic characteristics
QG(tot)
total gate charge
-
35.5
-
nC
QGS
gate-source charge
-
9.3
-
nC
QGD
gate-drain charge
ID = 25 A; VDS = 32 V; VGS = 10 V;
Fig. 13; Fig. 14
-
10.1
-
nC


Similar Part No. - BUK765R3-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK765R3-40E NEXPERIA-BUK765R3-40E Datasheet
718Kb / 13P
   N-channel TrenchMOS standard level FET
More results

Similar Description - BUK765R3-40E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com