Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7Y25-80E Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK7Y25-80E
Description  N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7Y25-80E Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK7Y25-80E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7Y25-80E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7Y25-80E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7Y25-80E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7Y25-80E_15 Datasheet HTML 9Page - NXP Semiconductors BUK7Y25-80E_15 Datasheet HTML 10Page - NXP Semiconductors BUK7Y25-80E_15 Datasheet HTML 11Page - NXP Semiconductors BUK7Y25-80E_15 Datasheet HTML 12Page - NXP Semiconductors BUK7Y25-80E_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NXP Semiconductors
BUK7Y25-80E
N-channel 80 V, 25 mΩ standard level MOSFET in LFPAK56
BUK7Y25-80E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
8 May 2013
9 / 13
003aai534
0
0.2
0.4
0.6
0.8
1
1.2
0
30
60
90
120
150
VSD (V)
IS
IS
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
Fig. 16. Source-drain (diode forward) current as a function of source-drain (diode forward) voltage; typical values


Similar Part No. - BUK7Y25-80E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y25-80E NXP-BUK7Y25-80E Datasheet
347Kb / 13P
   N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y25-80E NEXPERIA-BUK7Y25-80E Datasheet
761Kb / 13P
   N-channel 80 V, 25 mΩ standard level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK7Y25-80E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y25-80E NXP-BUK7Y25-80E Datasheet
347Kb / 13P
   N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
PSMN025-80YL NEXPERIA-PSMN025-80YL Datasheet
768Kb / 13P
   N-channel 80 V, 25 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK7Y7R8-80E NXP-BUK7Y7R8-80E Datasheet
298Kb / 13P
   N-channel 80 V, 7.8 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y14-80E NXP-BUK7Y14-80E Datasheet
350Kb / 13P
   N-channel 80 V, 14 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y9R9-80E NXP-BUK7Y9R9-80E Datasheet
294Kb / 13P
   N-channel 80 V, 9.9 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y72-80E NXP-BUK7Y72-80E Datasheet
317Kb / 13P
   N-channel 80 V, 72 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y14-80E PHILIPS-BUK7Y14-80E_15 Datasheet
351Kb / 13P
   N-channel 80 V, 14 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y72-80E PHILIPS-BUK7Y72-80E_15 Datasheet
326Kb / 13P
   N-channel 80 V, 72 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y41-80E PHILIPS-BUK7Y41-80E_15 Datasheet
353Kb / 13P
   N-channel 80 V, 41 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y98-80E NXP-BUK7Y98-80E Datasheet
467Kb / 13P
   N-channel 80 V, 98 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com