Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5378IUZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5378IUZ
Description  700MHz Differential Twisted-Pair Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5378IUZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5378IUZ Datasheet HTML 5Page - Intersil Corporation EL5378IUZ Datasheet HTML 6Page - Intersil Corporation EL5378IUZ Datasheet HTML 7Page - Intersil Corporation EL5378IUZ Datasheet HTML 8Page - Intersil Corporation EL5378IUZ Datasheet HTML 9Page - Intersil Corporation EL5378IUZ Datasheet HTML 10Page - Intersil Corporation EL5378IUZ Datasheet HTML 11Page - Intersil Corporation EL5378IUZ Datasheet HTML 12Page - Intersil Corporation EL5378IUZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
EL5178, EL5378
9
FN7491.6
August 19, 2015
Submit Document Feedback
FIGURE 25. OUTPUT SWING vs TEMPERATURE
FIGURE 26. ± SUPPLY CURRENT vs TEMPERATURE
FIGURE 27. OFFSET VOLTAGE vs TEMPERATURE
FIGURE 28. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 29. SLEW RATE vs TEMPERATURE
FIGURE 30. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
+VOUT
-VOUT
TEMPERATURE (°C)
TEMPERATURE (°C)
+IS
-IS
VS = ±5.5V
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
VOUT = 3VP-P
607mW
JA = +206°C/W
MSOP8
1.263W
JA = +99°C/W
QSOP28
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
781mW
0
25
75
100
150
1.4
1.0
0
AMBIENT TEMPERATURE (°C)
1.2
0.8
50
125
0.4
0.6
0.2
85
JA = +160°C/W
SO8


Similar Part No. - EL5378IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5378IUZ RENESAS-EL5378IUZ Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5378IUZ-T13 INTERSIL-EL5378IUZ-T13 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ-T7 INTERSIL-EL5378IUZ-T7 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5378IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178_07 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com