Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7156CNZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7156CNZ
Description  High Performance Pin Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7156CNZ Datasheet(HTML) 4 Page - Intersil Corporation

  EL7156CNZ Datasheet HTML 1Page - Intersil Corporation EL7156CNZ Datasheet HTML 2Page - Intersil Corporation EL7156CNZ Datasheet HTML 3Page - Intersil Corporation EL7156CNZ Datasheet HTML 4Page - Intersil Corporation EL7156CNZ Datasheet HTML 5Page - Intersil Corporation EL7156CNZ Datasheet HTML 6Page - Intersil Corporation EL7156CNZ Datasheet HTML 7Page - Intersil Corporation EL7156CNZ Datasheet HTML 8Page - Intersil Corporation EL7156CNZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN7280.4
September 1, 2015
Typical Performance Curves
FIGURE 1. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. INPUT THRESHOLD vs SUPPLY VOLTAGE
FIGURE 3. QUIESCENT SUPPLY CURRENT vs SUPPLY
VOLTAGE
FIGURE 4. “ON”-RESISTANCE vs SUPPLY VOLTAGE
FIGURE 5. RISE/FALL TIME vs SUPPLY VOLTAGE
FIGURE 6. RISE/FALL TIME vs TEMPERATURE
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
AMBIENT TEMPERATURE (°C)
25
100
75
050
0.2
1.0
0.6
0.4
0.8
125
150
0
PDIP8
SOIC8
MAX TJ = +125°C
θJA = 100°C/W
θJA = 160°C/W
85
T = +25°C
1.2
SUPPLY VOLTAGE (V)
1.0
1.8
1.6
1.4
15
510
HIGH THRESHOLD
HYSTERESIS
LOW THRESHOLD
T = +25°C
15
SUPPLY VOLTAGE (V)
0
2.0
5
1.6
1.2
0.8
0.4
10
ALL INPUTS = GND
ALL INPUTS = VS+
IOUT = 200mA, T = +25°C, VS+ = VH, VS- = VL = 0V
SUPPLY VOLTAGE (V)
7.5
15
12.5
510
1
0
6
5
2
4
3
VOUT - VL
VOUT - VH
CL = 2000pF, T = +25°C
15
20
SUPPLY VOLTAGE (V)
10
30
510
25
15
tR
tI
tR
tF
CL = 2000pF, VS+ = 15V
150
14
TEMPERATURE (°C)
10
100
20
-50
50
16
18
12
0
tF
tR
EL7156


Similar Part No. - EL7156CNZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
1Mb / 10P
   High Performance Pin Driver
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
232Kb / 10P
   High Performance Pin Driver
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
logo
Renesas Technology Corp
EL7156CNZ RENESAS-EL7156CNZ Datasheet
555Kb / 11P
   High Performance Pin Driver
More results

Similar Description - EL7156CNZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
   High Performance Pin Driver
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
EL7156 INTERSIL-EL7156_05 Datasheet
1Mb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7155 RENESAS-EL7155 Datasheet
524Kb / 10P
   High Performance Pin Driver
logo
Intersil Corporation
EL7155 INTERSIL-EL7155_06 Datasheet
477Kb / 10P
   High Performance Pin Driver
logo
Zarlink Semiconductor I...
MF446 ZARLINK-MF446 Datasheet
402Kb / 4P
   High-Performance PIN
logo
Mitel Networks Corporat...
1A354 MITEL-1A354 Datasheet
46Kb / 2P
   High-Performance PIN
logo
Zarlink Semiconductor I...
MF432 ZARLINK-MF432 Datasheet
158Kb / 3P
   High Performance PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com