Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7158IS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7158IS
Description  Ultra-High Current Pin Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7158IS Datasheet(HTML) 6 Page - Intersil Corporation

  EL7158IS Datasheet HTML 1Page - Intersil Corporation EL7158IS Datasheet HTML 2Page - Intersil Corporation EL7158IS Datasheet HTML 3Page - Intersil Corporation EL7158IS Datasheet HTML 4Page - Intersil Corporation EL7158IS Datasheet HTML 5Page - Intersil Corporation EL7158IS Datasheet HTML 6Page - Intersil Corporation EL7158IS Datasheet HTML 7Page - Intersil Corporation EL7158IS Datasheet HTML 8Page - Intersil Corporation EL7158IS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN7349.2
May 14, 2007
TABLE 1. TRUTH TABLE
OE
IN
OUT
0
0
Three-State
0
1
Three-State
10
VH
11
VL
TABLE 2. OPERATING VOLTAGE RANGE
PIN
MIN
MAX
VS- to GND
-5
0
VS+ to VS-5
18
VH to VL
012
VS+ to VH
012
VS+ to GND
5
12
VL to VS-0
12
Three-State Output
VL
VH
FIGURE 13. TIMING DIAGRAM
90%
td1
td2
tF
10%
INVERTED
OUTPUT
2.5V
5V
INPUT
0
tR
1
2
3
4
8
7
6
5
EL7158
VH
L
O
G
I
C
VL
VS-
VS+
OE
IN
GND
VS+
0.1µF
4.7µF
10k
Ω
-
0.1µF
4.7µF
0.1µF
4.7µF
OUT
-
0.1µF
4.7µF
FIGURE 14. STANDARD TEST CONFIGURATION
2000pF
EL7158


Similar Part No. - EL7158IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7158IS INTERSIL-EL7158IS Datasheet
199Kb / 9P
   Ultra-High Current Pin Driver
logo
Renesas Technology Corp
EL7158IS RENESAS-EL7158IS Datasheet
488Kb / 9P
   Ultra-High Current Pin Driver
logo
Intersil Corporation
EL7158IS-T13 INTERSIL-EL7158IS-T13 Datasheet
199Kb / 9P
   Ultra-High Current Pin Driver
logo
Renesas Technology Corp
EL7158IS-T13 RENESAS-EL7158IS-T13 Datasheet
488Kb / 9P
   Ultra-High Current Pin Driver
logo
Intersil Corporation
EL7158IS-T7 INTERSIL-EL7158IS-T7 Datasheet
199Kb / 9P
   Ultra-High Current Pin Driver
More results

Similar Description - EL7158IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7158 INTERSIL-EL7158 Datasheet
199Kb / 9P
   Ultra-High Current Pin Driver
logo
Renesas Technology Corp
EL7158 RENESAS-EL7158 Datasheet
488Kb / 9P
   Ultra-High Current Pin Driver
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
   High Performance Pin Driver
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com