Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7457CUZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7457CUZ
Description  40MHz Non-Inverting Quad CMOS Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7457CUZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL7457CUZ Datasheet HTML 1Page - Intersil Corporation EL7457CUZ Datasheet HTML 2Page - Intersil Corporation EL7457CUZ Datasheet HTML 3Page - Intersil Corporation EL7457CUZ Datasheet HTML 4Page - Intersil Corporation EL7457CUZ Datasheet HTML 5Page - Intersil Corporation EL7457CUZ Datasheet HTML 6Page - Intersil Corporation EL7457CUZ Datasheet HTML 7Page - Intersil Corporation EL7457CUZ Datasheet HTML 8Page - Intersil Corporation EL7457CUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN7288.4
January 26, 2012
Absolute Maximum Ratings (TA = 25°C)
Thermal Information
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.3V, VS+ +0.3V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Thermal Resistance
θJA (°C/W) θJC (°C/W)
16 Ld QFN (Notes 4, 5) . . . . . . . . . . . .
43
5
16 Ld SOIC (Notes 6, 7). . . . . . . . . . . .
73
45
16 Ld QSOP (Note 6). . . . . . . . . . . . . .
112
N/A
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
6.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
θJC, the “case temp” location is taken at the package top center.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, VH = +5V, VL = -5V, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
INPUT
VIH
Logic “1” Input Voltage
2.0
V
IIH
Logic “1” Input Current
VIH = 5V
0.1
10
µA
VIL
Logic “0” Input Voltage
0.8
V
IIL
Logic “0” Input Current
VIL = 0V
0.1
10
µA
CIN
Input Capacitance
3.5
pF
RIN
Input Resistance
50
M
Ω
OUTPUT
ROH
ON Resistance VH to OUTx
IOUT = -100mA
4.5
6
Ω
ROL
ON Resistance VL to OUTx
IOUT = +100mA
4
6
Ω
ILEAK
Output Leakage Current
VH = VS+, VL = VS-0.1
10
µA
IPK
Peak Output Current
Source
2.0
A
Sink
2.0
A
POWER SUPPLY
IS
Power Supply Current
Inputs = VS+0.5
1.5
mA
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 1000pF
13.5
ns
tF
Fall Time
CL = 1000pF
13
ns
tRFΔ
tR, tF Mismatch
CL = 1000pF
0.5
ns
tD+
Turn-Off Delay Time
CL = 1000pF
12.5
ns
tD-
Turn-On Delay Time
CL = 1000pF
14.5
ns
tDD
tD-1 - tD-2 Mismatch
CL = 1000pF
2
ns
tENABLE
Enable Delay Time
12
ns
EL7457


Similar Part No. - EL7457CUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457CUZ RENESAS-EL7457CUZ Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ-T13 INTERSIL-EL7457CUZ-T13 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457CUZ-T13 RENESAS-EL7457CUZ-T13 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ-T7 INTERSIL-EL7457CUZ-T7 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
More results

Similar Description - EL7457CUZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7457C ELANTEC-EL7457C Datasheet
205Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com