Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6208CIRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6208CIRZ
Description  High Voltage Synchronous Rectified Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208CIRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6208CIRZ Datasheet HTML 1Page - Intersil Corporation ISL6208CIRZ Datasheet HTML 2Page - Intersil Corporation ISL6208CIRZ Datasheet HTML 3Page - Intersil Corporation ISL6208CIRZ Datasheet HTML 4Page - Intersil Corporation ISL6208CIRZ Datasheet HTML 5Page - Intersil Corporation ISL6208CIRZ Datasheet HTML 6Page - Intersil Corporation ISL6208CIRZ Datasheet HTML 7Page - Intersil Corporation ISL6208CIRZ Datasheet HTML 8Page - Intersil Corporation ISL6208CIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
High Voltage Synchronous Rectified Buck MOSFET
Drivers
ISL6208C
The ISL6208C is a high frequency, dual MOSFET driver,
optimized to drive two N-Channel power MOSFETs in a
synchronous-rectified buck converter topology. It is especially
suited for mobile computing applications that require high
efficiency and excellent thermal performance. The driver,
combined with an Intersil multiphase Buck PWM controller,
forms a complete single-stage core-voltage regulator solution
for advanced mobile microprocessors.
The ISL6208C features 4A typical sinking current for the lower
gate driver. This current is capable of holding the lower
MOSFET gate off during the rising edge of the phase node. This
prevents shoot-through power loss caused by the high dv/dt of
phase voltages. The operating voltage matches the 30V
breakdown voltage of the MOSFETs commonly used in mobile
computer power supplies.
The ISL6208C also features a three-state PWM input that,
working together with Intersil’s multiphase PWM controllers,
will prevent negative voltage output during CPU shutdown. This
feature eliminates a protective Schottky diode usually seen in
microprocessor power systems.
MOSFET gates can be efficiently switched up to 2MHz using
the ISL6208C. Each driver is capable of driving a 3000pF load
with propagation delays of 8ns and transition times under
10ns. Bootstrapping is implemented with an internal Schottky
diode. This reduces system cost and complexity, while allowing
the use of higher performance MOSFETs. Adaptive
shoot-through protection is integrated to prevent both
MOSFETs from conducting simultaneously.
A diode emulation feature is integrated in the ISL6208C to
enhance converter efficiency at light load conditions. This
feature also allows for monotonic start-up into pre-biased
outputs. When diode emulation is enabled, the driver will allow
discontinuous conduction mode by detecting when the
inductor current reaches zero and subsequently turning off the
low-side MOSFET gate.
Features
• Dual MOSFET drives for synchronous rectified bridge
• Adaptive shoot-through protection
•0.5Ω on-resistance and 4A sink current capability
• Supports high switching frequency up to 2MHz
- Fast output rise and fall time
- Low propagation delay
•Three-State PWM input for power stage shutdown
• Internal bootstrap Schottky diode
• Low bias supply current (5V, 80µA)
• Diode emulation for enhanced light load efficiency and
pre-biased start-up applications
• VCC POR (Power-On-Reset) feature integrated
• Low three-state shutdown holdoff time (typical 160ns)
• Pin-to-pin compatible with ISL6207
•DFN package
• Pb-Free (RoHS compliant)
Applications
• Core voltage supplies for Intel™ and AMD™ mobile
microprocessors
• High frequency low profile DC/DC converters
• High current low output voltage DC/DC converters
• High input voltage DC/DC converters
Related Literature
•Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
•Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for MLFP Packages”
•Technical Brief TB447 “Guidelines for Preventing
Boot-to-Phase Stress on Half-Bridge MOSFET Driver ICs”
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
November 29, 2012
FN8395.0


Similar Part No. - ISL6208CIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CIRZ INTERSIL-ISL6208CIRZ Datasheet
336Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6208CIRZ-T RENESAS-ISL6208CIRZ-T Datasheet
594Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6208CIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208C INTERSIL-ISL6208C Datasheet
336Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_13 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_11 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BCRZ-T INTERSIL-ISL6208BCRZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208CBZ-T INTERSIL-ISL6208CBZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6208C RENESAS-ISL6208C Datasheet
594Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
logo
Renesas Technology Corp
ISL6208 RENESAS-ISL6208 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com