Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6228IRTZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6228IRTZ-T
Description  High-Performance Dual-Output Buck Controller for Notebook Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6228IRTZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6228IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL6228IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL6228IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL6228IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL6228IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL6228IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL6228IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL6228IRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL6228IRTZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN9095.2
May 7, 2008
The ISL6228 monitors the OCSET pin and the VO pin
voltages. Once the OCSET pin voltage is higher than the VO
pin voltage for more than 10µs, the ISL6228 declares an OCP
fault. The value of ROCSET is then written as Equation 6:
Where:
-ROCSET (Ω) is the resistor used to program the
overcurrent setpoint
-IOC is the output current threshold that will activate the
OCP circuit
- DCR is the inductor DC resistance
For example, if IOC is 20A and DCR is 4.5mΩ, the choice of
ROCSET is ROCSET = 20A x 4.5mΩ/10µA = 9kΩ.
Resistor ROCSET and capacitor CSEN form an R-C network
to sense the inductor current. To sense the inductor current
correctly not only in DC operation, but also during dynamic
operation, the R-C network time constant ROCSETCSEN
needs to match the inductor time constant L/DCR. The value
of CSEN is then written as Equation 7:
For example, if L is 1.5µH, DCR is 4.5m
Ω, and ROCSET is
9k
Ω, the choice of CSEN = 1.5µH/(9kΩ x 4.5mΩ) = 0.037µF.
Upon converter startup, capacitor CSEN initial voltage is 0V.
To prevent false OCP, a 10µA current source flows out of the
VO pin during start up, generating a voltage drop on resistor
RO, which has the same resistance as ROCSET. When
PGOOD pin goes high, the VO pin current source will
terminate.
When an OCP fault is declared, the PGOOD pin will pull
down to 30
Ω and latch off the converter. The fault will remain
latched until the EN pin has been pulled below the falling EN
threshold voltage VENTHF or if VCC has decayed below the
falling POR threshold voltage VVCC_THF.
Overvoltage Protection
The OVP fault detection circuit triggers after the FB pin voltage
is above the rising overvoltage threshold VOVR for more than
2µs. The FB pin voltage is 0.6V in normal operation. The rising
overvoltage threshold VOVR is typically 116%. That means if
the FB pin voltage is above 116% x 0.6V = 0.696V, for more
than 2µs, an OVP fault is declared.
When an OVP fault is declared, the PGOOD pin will pull
down to 60
Ω and latch-off the converter. The OVP fault will
remain latched until the EN pin has been pulled below the
falling EN threshold voltage VENTHF or if VCC has decayed
below the falling POR threshold voltage VVCC_THF.
Although the converter has latched-off in response to an
OVP fault, the LGATE gate-driver output will retain the ability
to toggle the low-side MOSFET on and off, in response to
the output voltage transversing the VOVR and VOVF
thresholds. The LGATE gate-driver will turn on the low-side
MOSFET to discharge the output voltage, protecting the
load. The LGATE gate-driver will turn off the low-side
MOSFET once the FB pin voltage is lower than the falling
overvoltage threshold VOVF for more than 2µs. The falling
overvoltage threshold VOVF is typically 106%. That means if
the FB pin voltage falls below 106% x 0.6V = 0.636V, for
more than 2µs, the LGATE gate-driver will turn off the low-
side MOSFET. If the output voltage rises again, the LGATE
driver will again turn on the low-side MOSFET when the FB
pin voltage is above the rising overvoltage threshold VOVR
for more than 2µs. By doing so, the ISL6228 protects the
load when there is a consistent overvoltage condition.
Undervoltage Protection
The UVP fault detection circuit triggers after the FB pin
voltage is below the undervoltage threshold VUV for more
than 2µs. The FB pin voltage is 0.6V in normal operation.
The undervoltage threshold VUV is typically 86%. That
means if the FB pin voltage is below 86% x 0.6V = 0.516V,
for more than 2µs, an UVP fault is declared, and the
PGOOD pin will pull down to 95
Ω and latch-off the converter.
The fault will remain latched until the EN pin has been pulled
below the falling EN threshold voltage VENTHF or if VCC has
decayed below the falling POR threshold voltage
V
VCC_THF.
Programming the Output Voltage
When the converter is in regulation there will be 0.6V from
the FB pin to the GND pin. Connect a two-resistor voltage
divider across the VO pin and the GND pin with the output
node connected to the FB pin. Scale the voltage-divider
network such that the FB pin is 0.6V with respect to the GND
pin when the converter is regulating at the desired output
voltage. The output voltage can be programmed from 0.6V
to 5V.
Programming the output voltage is written as Equation 8:
Where:
-VO is the desired output voltage of the converter
- The voltage to which the converter regulates the FB pin
is the VREF
-RTOP is the voltage-programming resistor that connects
from the FB pin to the converter output. In addition to
setting the output voltage, this resistor is part of the loop
compensation network
-RBOTTOM is the voltage-programming resistor that
connects from the FB pin to the GND pin
Choose RTOP value first, and calculate RBOTTOM according
to Equation 9:
(EQ. 6)
R
OCSET
I
OC DCR
10
μA
---------------------------
=
(EQ. 7)
C
SEN
L
R
OCSET DCR
-----------------------------------------
=
V
REF
V
O
R
BOTTOM
R
TOP
R
BOTTOM
+
---------------------------------------------------
=
(EQ. 8)
R
BOTTOM
V
REF R
TOP
V
O
V
REF
-----------------------------------
=
(EQ. 9)
ISL6228


Similar Part No. - ISL6228IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6228IRTZ-T INTERSIL-ISL6228IRTZ-T Datasheet
470Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Renesas Technology Corp
ISL6228IRTZ-T RENESAS-ISL6228IRTZ-T Datasheet
860Kb / 17P
   High-Performance Dual-Output Buck Controller for Notebook Applications
More results

Similar Description - ISL6228IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6228 INTERSIL-ISL6228 Datasheet
470Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
ON Semiconductor
NCP5222 ONSEMI-NCP5222 Datasheet
3Mb / 28P
   High Performance Dual-Channel / Two-Phase Synchronous Buck Controller for Notebook Power System
February, 2010 ??Rev. 0
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
   Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
logo
Maxim Integrated Produc...
MAX15034 MAXIM-MAX15034_11 Datasheet
329Kb / 26P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 10/11
MAX15034 MAXIM-MAX15034 Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX5066 MAXIM-MAX5066 Datasheet
367Kb / 22P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 8/05
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com