Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6256AHAZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6256AHAZ
Description  Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6256AHAZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6256AHAZ Datasheet HTML 5Page - Intersil Corporation ISL6256AHAZ Datasheet HTML 6Page - Intersil Corporation ISL6256AHAZ Datasheet HTML 7Page - Intersil Corporation ISL6256AHAZ Datasheet HTML 8Page - Intersil Corporation ISL6256AHAZ Datasheet HTML 9Page - Intersil Corporation ISL6256AHAZ Datasheet HTML 10Page - Intersil Corporation ISL6256AHAZ Datasheet HTML 11Page - Intersil Corporation ISL6256AHAZ Datasheet HTML 12Page - Intersil Corporation ISL6256AHAZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
FN6499.3
September 14, 2010
CSIP-CSIN Threshold Hysteresis
2
5
8
mV
LOGIC INTERFACE
EN Input Voltage Range
0VDD
V
EN Threshold Voltage
Rising
1.030
1.06
1.100
V
Falling
0.985
1.000
1.025
V
Hysteresis
30
60
90
mV
EN Input Bias Current
EN = 2.5V
1.8
2.0
2.2
µA
ACPRN Sink Current
ACPRN = 0.4V
3
8
11
mA
ACPRN Leakage Current
ACPRN = 5V
-0.5
0.5
µA
DCPRN Sink Current
DCPRN = 0.4V
3
8
11
mA
DCPRN Leakage Current
DCPRN = 5V
-0.5
0.5
µA
ICM Output Accuracy
(VICM = 19.9 x (VCSIP-VCSIN))
CSIP-CSIN = 100mV
-3
0
+3
%
CSIP-CSIN = 75mV
-4
0
+4
%
CSIP-CSIN = 50mV
-5
0
+5
%
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Temperature
Hysteresis
25
°C
NOTE:
7. This is the sum of currents in these pins (CSIP, CSIN, BOOT, UGATE, PHASE, CSOP, CSON) all tied to 16.8V. No current in pins EN, ACSET,
VADJ, CELLS, ACLIM, CHLIM.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits are
established by characterization and are not production tested.
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = DCSET = 1.5V, ACLIM = VREF,
VADJ =Floating, EN =VDD =5V, BOOT-PHASE =5.0V, GND=PGND =0V, CVDD =1µF, IVDD =0mA,
TA = -10°C to +100°C, TJ ≤ +125°C, Unless Otherwise Noted. Boldface limits apply over the
operating temperature range, -10°C to +100°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
ISL6256, ISL6256A


Similar Part No. - ISL6256AHAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6256AHAZ INTERSIL-ISL6256AHAZ Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256AHAZ RENESAS-ISL6256AHAZ Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results

Similar Description - ISL6256AHAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com