Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6269AIRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6269AIRZ
Description  High-Performance Notebook PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6269AIRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6269AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6269AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6269AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6269AIRZ Datasheet HTML 9Page - Intersil Corporation ISL6269AIRZ Datasheet HTML 10Page - Intersil Corporation ISL6269AIRZ Datasheet HTML 11Page - Intersil Corporation ISL6269AIRZ Datasheet HTML 12Page - Intersil Corporation ISL6269AIRZ Datasheet HTML 13Page - Intersil Corporation ISL6269AIRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ISL6269A
10
FN9253.3
November 18, 2014
Submit Document Feedback
negative voltage across the PHASE and GND pins is nulled by the
voltage dropped across RSEN as ISEN conducts through it. An OCP
fault occurs if ISEN rises above the OCP threshold current IOC
while attempting to null the negative voltage across the PHASE
and GND pins. ISEN must exceed IOC on all the PWM pulses that
occur within 20µs. If ISEN falls below IOC on a PWM pulse before
20µs has elapsed, the timer will be reset. An SCP fault will occur
within 10µs when ISEN exceeds twice IOC. The relationship
between ID and ISEN is written as:
The value of RSEN is then written as:
Where:
-RSEN (Ω) is the resistor used to program the overcurrent
setpoint
-ISEN is the current sense current that is sourced from the
ISEN pin
-IOC is the ISEN threshold current sourced from the ISEN pin
that will activate the OCP circuit
-IFL is the maximum continuous DC load current
-IP-P is the inductor peak-to-peak ripple current
-OCSP is the desired overcurrent setpoint expressed as a
multiplier relative to IFL
Overvoltage Protection
When an OVP fault is detected, the PGOOD pin will pull down to
60Ωand latch-off the converter. The OVP fault will remain
latched until VVCC has decayed below the falling POR threshold
voltage VVCC_THF.
The OVP fault detection circuit triggers after the voltage across
the FB and GND pins has increased above the rising overvoltage
threshold VOVR. Although the converter has latched-off in
response to an OVP fault, the LG gate-driver output will retain the
ability to toggle the low-side MOSFET on and off, in response to
the output voltage transversing the VOVR and VOVF thresholds.
Undervoltage Protection
When a UVP fault is detected, the PGOOD pin will pull down to
95Ωand latch-off the converter. The fault will remain latched
until the EN pin has been pulled below the falling EN threshold
voltage VENTHF or if VVCC has decayed below the falling POR
threshold voltage VVCC_THF. The UVP fault detection circuit
triggers after the voltage across the FB and GND pins has fallen
below the undervoltage threshold VUV.
Over-Temperature
When the temperature of the ISL6269A increases above the
rising threshold temperature TOTR, the IC will enter an OTP state
that suspends the PWM , forcing the LG and UG gate-driver
outputs low. The status of the PGOOD pin does not change nor
does the converter latch-off. The PWM remains suspended until
the IC temperature falls below the hysteresis temperature
TOTHYS at which time normal PWM operation resumes. The OTP
state can be reset if the EN pin is pulled below the falling EN
threshold voltage VENTHF or if VVCC decays below the falling POR
threshold voltage VVCC_THF. All other protection circuits function
normally during OTP. It is likely that the IC will detect an UVP fault
because in the absence of PWM, the output voltage immediately
decays below the undervoltage threshold VUV; the PGOOD pin will
pull down to 95Ωand latch-off the converter. The UVP fault will
remain latched until the EN pin has been pulled below the falling
EN threshold voltage VENTHF or if VVCC has decayed below the
falling POR threshold voltage VVCC_THF.
Programming the Output Voltage
When the converter is in regulation there will be 600mV from the
FB pin to the GND pin. Connect a two-resistor voltage divider
across the VO pin and the GND pin with the output node
connected to the FB pin. Scale the voltage-divider network such
that the FB pin is 600mV with respect to the GND pin when the
converter is regulating at the desired output voltage. The output
voltage can be programmed from 600mV to 3.3V.
Programming the output voltage is written as:
Where:
-VOUT is the desired output voltage of the converter
-VREF is the voltage that the converter regulates to between
the FB pin and the GND pin
-RTOP is the voltage-programming resistor that connects
from the FB pin to the VO pin. In addition to setting the
output voltage, this resistor is part of the loop compensation
network
-RBOTTOM is the voltage-programming resistor that connects
from the FB pin to the GND pin
Beginning with RTOP between 1kΩ to 5kΩcalculating RBOTTOM
is written as:
Programming the PWM Switching Frequency
The ISL6269A does not use a clock signal to produce PWM. The
PWM switching frequency fSW is programmed by the resistor
RFSET that is connected from the FSET pin to the GND pin. The
approximate PWM switching frequency is written as:
Estimating the value of RFSET is written as:
Where:
-fSW is the PWM switching frequency
-RFSET is the fSW programming resistor
-K = 75 x 10-12
It is recommended that whenever the control loop compensation
network is modified, fSW should be checked for the correct
frequency and if necessary, adjust RFSET.
I
SEN RSEN
I
D rDS ON

=
(EQ. 3)
(EQ. 4)
R
SEN
I
FL
I
P-P
2
----------
+


OC
SP
r
DS ON

I
OC
------------------------------------------------------------------------------
=
V
REF
V
OUT
R
BOTTOM
R
TOP
R
BOTTOM
+
---------------------------------------------------
=
(EQ. 5)
R
BOTTOM
V
REF R
TOP
V
OUT
V
REF
-------------------------------------
=
(EQ. 6)
f
SW
1
KR
FSET
---------------------------
=
(EQ. 7)
R
FSET
1
Kf
SW
------------------
=
(EQ. 8)


Similar Part No. - ISL6269AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6269AIRZ INTERSIL-ISL6269AIRZ Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269AIRZ RENESAS-ISL6269AIRZ Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
More results

Similar Description - ISL6269AIRZ

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
logo
Anpec Electronics Corop...
APW7138 ANPEC-APW7138 Datasheet
553Kb / 26P
   High-Performance Notebook PWM Controller
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6268 RENESAS-ISL6268 Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
321Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com