Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292-1CR4Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6292-1CR4Z
Description  Li-ion/Li Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292-1CR4Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6292-1CR4Z Datasheet HTML 2Page - Intersil Corporation ISL6292-1CR4Z Datasheet HTML 3Page - Intersil Corporation ISL6292-1CR4Z Datasheet HTML 4Page - Intersil Corporation ISL6292-1CR4Z Datasheet HTML 5Page - Intersil Corporation ISL6292-1CR4Z Datasheet HTML 6Page - Intersil Corporation ISL6292-1CR4Z Datasheet HTML 7Page - Intersil Corporation ISL6292-1CR4Z Datasheet HTML 8Page - Intersil Corporation ISL6292-1CR4Z Datasheet HTML 9Page - Intersil Corporation ISL6292-1CR4Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN9105.9
December 17, 2007
FIGURE 9. rDS(ON) vs TEMPERATURE AT 3.7V OUTPUT
FIGURE 10. rDS(ON) vs OUTPUT VOLTAGE USING CURRENT
LIMITED ADAPTERS
FIGURE 11. REVERSE CURRENT vs TEMPERATURE
FIGURE 12. INPUT QUIESCENT CURRENT vs TEMPERATURE
FIGURE 13. INPUT QUIESCENT CURRENT vs INPUT
VOLTAGE WHEN SHUTDOWN
FIGURE 14. INPUT QUIESCENT CURRENT vs INPUT
VOLTAGE WHEN NOT SHUTDOWN
Typical Operating Performance
The test conditions for the Typical Operating Performance are: VIN = 5V, TA = +25°C,
RIREF = RIMIN = 80kΩ, VBAT = 3.7V, Unless Otherwise Noted. (Continued)
200
250
300
350
400
450
500
550
600
650
700
0
20
40
60
80
100
120
TEMPERATURE (°C)
3x3 DFN
4x4 QFN
THERMAL FOLDBACK STARTS
NEAR +100°C
260
280
300
320
340
360
380
400
420
3.0
3.2
3.4
3.6
3.8
4.0
3x3 DFN
4x4 QFN
VBAT (V)
RIREF = 40kΩ
500mA CHARGE CURRENT,
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
120
TEMPERATURE (°C)
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
TEMPERATURE (°C)
EN = GND
10
12
14
16
18
20
22
24
26
28
30
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
EN = GND
VIN (V)
32
0.80
0.85
0.90
0.95
1.00
1.05
1.10
4.3
4.6
4.9
5.2
5.5
5.8
6.1
6.4
BOTH VBAT AND EN
PINS FLOATING
VIN (V)
ISL6292


Similar Part No. - ISL6292-1CR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292-1CR4Z INTERSIL-ISL6292-1CR4Z Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4Z INTERSIL-ISL6292-1CR4Z Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4Z INTERSIL-ISL6292-1CR4Z Datasheet
551Kb / 20P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292-1CR4Z RENESAS-ISL6292-1CR4Z Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4Z RENESAS-ISL6292-1CR4Z Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results

Similar Description - ISL6292-1CR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com