Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK969R0-60E Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK969R0-60E
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK969R0-60E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK969R0-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK969R0-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK969R0-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK969R0-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK969R0-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK969R0-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK969R0-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK969R0-60E_15 Datasheet HTML 9Page - NXP Semiconductors BUK969R0-60E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NXP Semiconductors
BUK969R0-60E
N-channel TrenchMOS logic level FET
BUK969R0-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
13 July 2012
6 / 12
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Source-drain diode
VSD
source-drain voltage
IS = 20 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.83
1.2
V
trr
reverse recovery time
-
27
-
ns
Qr
recovered charge
IS = 20 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 25 V
-
28
-
nC
003aah949
0
60
120
180
0
1
2
3
VDS(V)
ID
(A)
VGS(V) = 10
2.6
2.8
3.5
4.5
2.4
3
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aah950
5
10
15
20
0
2.5
5
7.5
10
VGS(V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aah952
0
40
80
120
160
0
1
2
3
4
5
VGS(V)
ID
(A)
Tj = 25 °C
Tj = 175 °C
Fig. 8. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
003aah025
0
0.5
1
1.5
2
2.5
3
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
Fig. 9. Gate-source threshold voltage as a function of
junction temperature


Similar Part No. - BUK969R0-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK969R0-60E NEXPERIA-BUK969R0-60E Datasheet
723Kb / 13P
   N-channel TrenchMOS logic level FET
More results

Similar Description - BUK969R0-60E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com