Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14A Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 14A
Description  Alumina Body Current Sense
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

14A Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  14A Datasheet HTML 1Page - Ohmite Mfg. Co. 14A Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
46
p er F orm A n C e Ch A r AC teri S ti CS
Test
Condition
Maximum ∆R
Endurance at Rated Power 1000hrs Test
∆R <5%
Terminal Strength Pull Strength of 50N for 10sec, IEC115-1, Clause 4.16 Test Ua1
Solderability 95% Coverage as per MIL STD 202F, Test 208
Resistance to Solder Heat 260°C for 10sec as per IEC115-1, Clause 4.18
∆R <0.5%
Long Term Damp Heat 90-95% RH @40°C for 56 Days, IEC115-1, Clause 4.24
∆R <5%
Climatic Sequence As per IEC 115-1, Clause 4.23
∆R <5%
Overload 5 times rated wattage for 5 seconds
Standard part numbers
Ohmic
Part
value
Number
0.004
14AFR004E
0.005
14AFR005E
0.008
14AFR008E
0.010
14AFR010E
0.015
14AFR015E
0.022
14AFR022E
0.033
14AFR033E
0.047
14AFR047E
0.051
14AFR051E
1 4 A F R 0 5 1 E
Ohm Value
Example:
R050= 0.05Ω
Tolerance
F = 1%
10 Series
Wattage
A =
Alumina
Molded Body RoHS Compliant
14A Series
Alumina Body Current Sense
or D erin G in F orm Ation
18mm ±1
6.40mm ±.5
36mm ±4
0.80mm ±.05
40mm
Measuring Length
Series
Wattage
Length
Diam.
“M”
Lead
14A
4
0.709 / 18
0.252 / 6.40 1.575 / 40 0.031/0.80
Dimen S ion S


Similar Part No. - 14A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
14A-10-10 SUPERWORLD-14A-10-10 Datasheet
111Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
14A-10-10B3 PULSE-14A-10-10B3 Datasheet
164Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
14A-10-12B9 PULSE-14A-10-12B9 Datasheet
164Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series
logo
Superworld Electronics
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - 14A

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
14AFR004E OHMITE-14AFR004E Datasheet
190Kb / 1P
   Alumina Body Current Sense
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
   Current Sense
logo
Vishay Barry
TVC1907CT-XXXXJN-93 BARRY-TVC1907CT-XXXXJN-93 Datasheet
164Kb / 1P
   Alumina
Rev.C 02/12/08
ATC2010CT-2000JN-93 BARRY-ATC2010CT-2000JN-93 Datasheet
128Kb / 1P
   Alumina
Rev.B 08/08/08
AT0405ZZ-XXXXJN-91 BARRY-AT0405ZZ-XXXXJN-91 Datasheet
85Kb / 1P
   Alumina
03/17/11
AV0405GA-0600JN-91 BARRY-AV0405GA-0600JN-91 Datasheet
174Kb / 1P
   ALUMINA
10/11/06
logo
XFMRS Inc.
XF9806-EE5CS XFMRS-XF9806-EE5CS Datasheet
40Kb / 1P
   Current Sense
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com