Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66AK2E05 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 66AK2E05
Description  66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

66AK2E05 Datasheet(HTML) 3 Page - Texas Instruments

  66AK2E05 Datasheet HTML 1Page - Texas Instruments 66AK2E05 Datasheet HTML 2Page - Texas Instruments 66AK2E05 Datasheet HTML 3Page - Texas Instruments 66AK2E05 Datasheet HTML 4Page - Texas Instruments 66AK2E05 Datasheet HTML 5Page - Texas Instruments 66AK2E05 Datasheet HTML 6Page - Texas Instruments 66AK2E05 Datasheet HTML 7Page - Texas Instruments 66AK2E05 Datasheet HTML 8Page - Texas Instruments 66AK2E05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 282 page
background image
66AK2E05, 66AK2E02
www.ti.com
SPRS865D – NOVEMBER 2012 – REVISED MARCH 2015
TI's C66x core launches a new era of DSP technology by combining fixed-point and floating point
computational capability in the processor without sacrificing speed, size, or power consumption. The raw
computational performance is an industry-leading 38.4 GMACS/core and 19.2 Gflops/core (@ 1.2 GHz
operating frequency). It can execute 8 single precision floating point MAC operations per cycle and can
perform double- and mixed-precision operations and is IEEE754 compliant. For fixed-point use, the C66x
core has 4× the multiply accumulate (MAC) capability of C64x+ cores. The C66x CorePac incorporates 90
new instructions targeted for floating point and vector math oriented processing. These enhancements
yield sizeable performance improvements in popular DSP kernels used in signal processing,
mathematical, and image acquisition functions. The C66x core is backwards code compatible with TI's
previous generation C6000 fixed and floating point DSP cores, ensuring software portability and shortened
software development cycles for applications migrating to faster hardware.
The 66AK2E0x KeyStone II device integrates a large amount of on-chip memory. The Cortex-A15
processor cores each have 32KB of L1Data and 32KB of L1 Instruction cache. The up to four Cortex A15
cores in the ARM CorePac share a 4MB L2 Cache. In the DSP CorePac, in addition to 32KB of L1
program and 32KB of L1 data cache, there is 512KB of dedicated memory per core that can be configured
as cache or as memory mapped RAM. The device also integrates 2MB of Multicore Shared Memory
(MSMC) that can be used as a shared L3 SRAM. All L2 and MSMC memories incorporate error detection
and error correction. For fast access to external memory, this device includes a 64-bit DDR-3 (72-bit with
ECC support) external memory interface (EMIF) running at 1600 MTPS.
The device enables developers to use a variety of development and debugging tools that include GNU
GCC, GDB, Open source Linux, Eclipse based debugging environment enabling kernel and user space
debugging using a variety of Eclipse plug-ins including TI's industry leading IDE Code Composer Studio.
1.5
Enhancements in KeyStone II
The KeyStone II architecture provides many major enhancements over the previous KeyStone I
generation of devices. The KeyStone II architecture integrates an ARM Cortex-A15 processor quad-core
cluster to enable Layer 2 (MAC/RLC) and higher layer processing. The number of DSP cores has been
doubled for 2× improvement in Layer 1 processing. The external memory bandwidth has been doubled
with the integration of dual DDR3 1600 EMIFs. MSMC internal memory bandwidth is quadrupled with
MSMC V2 architecture improvements. Multicore Navigator supports 2× the number of queues, descriptors
and packet DMA, 4× the number of micro RISC engines and a significant increase in the number of
push/pops per second, compared to the previous generation. The new peripherals that have been added
include the USB 3.0 controller and Asynchronous EMIF controller for NAND/NOR memory access. The 2-
port Gigabit Ethernet switch in KeyStone I has been replaced with an 8-port Gigabit Ethernet switch and a
10 GbE switch in KeyStone II. Time synchronization support has been enhanced to reduce software
workload and support additional standards like IEEE1588 Annex D/E and SyncE. The number of GPIOs
and serial interface peripherals like I2C and SPI have been increased to enable more board level control
functionality.
Copyright © 2012–2015, Texas Instruments Incorporated
66AK2E0x Features and Description
3
Submit Documentation Feedback
Product Folder Links: 66AK2E05 66AK2E02


Similar Part No. - 66AK2E05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2E05 TI-66AK2E05 Datasheet
520Kb / 4P
[Old version datasheet]   Applications of the K2H and K2E platforms in high-end imaging
66AK2E05 TI1-66AK2E05 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2E05XABD25 TI1-66AK2E05XABD25 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2E05XABD4 TI1-66AK2E05XABD4 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2E05XABDA25 TI1-66AK2E05XABDA25 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results

Similar Description - 66AK2E05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2E05 TI1-66AK2E05_16 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com