Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4376 Datasheet(PDF) 5 Page - Texas Instruments

Part # AM4376
Description  AM437x Sitara??Processors
Download  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 5 Page - Texas Instruments

  AM4376_15 Datasheet HTML 1Page - Texas Instruments AM4376_15 Datasheet HTML 2Page - Texas Instruments AM4376_15 Datasheet HTML 3Page - Texas Instruments AM4376_15 Datasheet HTML 4Page - Texas Instruments AM4376_15 Datasheet HTML 5Page - Texas Instruments AM4376_15 Datasheet HTML 6Page - Texas Instruments AM4376_15 Datasheet HTML 7Page - Texas Instruments AM4376_15 Datasheet HTML 8Page - Texas Instruments AM4376_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
1.3
Description
The TI AM437x high-performance processors are based on the ARM Cortex-A9 core.
The processors are enhanced with 3D graphics acceleration for rich graphical user interfaces, as well as a
coprocessor for deterministic, real-time processing including industrial communication protocols, such as
EtherCAT, PROFIBUS, EnDat, and others. The devices support high-level operating systems (HLOS).
Linux® is available free of charge from TI. Other HLOSs are available from TI's Design Network and
ecosystem partners.
These devices offer an upgrade to systems based on lower performance ARM cores and provide updated
peripherals, including memory options such as QSPI-NOR and LPDDR2.
The processors contain the subsystems shown in Figure 1-1, and a brief description of each follows.
The processor subsystem is based on the ARM Cortex-A9 core, and the POWERVR SGX™ graphics
accelerator subsystem provides 3D graphics acceleration to support display and advanced user interfaces.
The programmable real-time unit subsystem and industrial communication subsystem (PRU-ICSS) is
separate from the ARM core and allows independent operation and clocking for greater efficiency and
flexibility. The PRU-ICSS enables additional peripheral interfaces and real-time protocols such as
EtherCAT, PROFINET, EtherNet/IP, PROFIBUS, Ethernet Powerlink, Sercos, EnDat, and others. The
PRU-ICSS enables EnDat and another industrial communication protocol in parallel. Additionally, the
programmable nature of the PRU-ICSS, along with their access to pins, events and all system-on-chip
(SoC) resources, provides flexibility in implementing fast real-time responses, specialized data handling
operations, custom peripheral interfaces, and in off-loading tasks from the other processor cores of the
SoC.
High-performance interconnects provide high-bandwidth data transfers for multiple initiators to the internal
and external memory controllers and to on-chip peripherals. The device also offers a comprehensive
clock-management scheme.
One on-chip analog to digital converter (ADC0) can couple with the display subsystem to provide an
integrated touch-screen solution. The other ADC (ADC1) can combine with the pulse width module to
create a closed-loop motor control solution.
The real-time clock (RTC) provides a clock reference on a separate power domain. The clock reference
enables a battery-backed clock reference.
The camera interface offers configuration for a single- or dual-camera parallel port.
Cryptographic acceleration is available in every AM437x device. Secure boot can also be made available
for anticloning and illegal software update protection. For more information about secure boot, contact
your TI sales representative.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AM4376ZDN
NFBGA (491)
17.0 mm × 17.0 mm
AM4377ZDN
NFBGA (491)
17.0 mm × 17.0 mm
AM4378ZDN
NFBGA (491)
17.0 mm × 17.0 mm
AM4379ZDN
NFBGA (491)
17.0 mm × 17.0 mm
(1)
For more information, see Section 7, Mechanical Packaging and Orderable Information.
Copyright © 2014–2015, Texas Instruments Incorporated
Device Overview
5
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379


Similar Part No. - AM4376_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results

Similar Description - AM4376_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM4376 TI1-AM4376 Datasheet
2Mb / 266P
[Old version datasheet]   AM437x Sitara Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com