Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF507N Datasheet(PDF) 1 Page - Micro Commercial Components

Part # PF507N
Description  50Amp Fast Recover Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PF507N Datasheet(HTML) 1 Page - Micro Commercial Components

  PF507N Datasheet HTML 1Page - Micro Commercial Components PF507N Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PF501N
thru
PF507N
50Amp Fast Recover
Rectifier
Features
Maximum Ratings
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
50A
TA = 125
°C
Peak Forward Surge
Current
IFSM
650A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 50A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
500
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
          

MCC
www.mccsemi.com
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.0984
.1062
2.5
2.7
B
.663
.667
16.85
16.95
C
------
------
------
------
Low Cost
Low Leakage
Low Forward Voltage Drop
High Current Capability
For Automotive Applications
E
.154
.157
3.90
4.00
D
.501
.505
12.73
12.82
50 to 1000 Volts
A
B
C
D
E
F
PRESSFIT
PRESSFIT
PRESSFIT
PRESSFIT
E
.224
.232
5.70
5.90
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
Operating Junction Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
PF501N
---
50V
35V
50V
PF502N
---
100V
70V
100V
PF503N
---
200V
140V
200V
PF504N
---
400V
280V
400V
PF505N
---
600V
420V
600V
PF506N
---
800V
560V
800V
PF507N
---
1000V
700V
1000V


Similar Part No. - PF507N

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF507 MCC-PF507 Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
PF507 CHENYI-PF507 Datasheet
336Kb / 2P
   50Amp standard recovery rectifier 50to1000 volts
logo
Micro Commercial Compon...
PF507L MCC-PF507L Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - PF507N

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SRA501 MCC-SRA501 Datasheet
115Kb / 2P
   50Amp Recover Rectifier 50 to 1000 Volts
SRA501 MCC-SRA501_11 Datasheet
203Kb / 3P
   50Amp Standard Rectifier 50 to 1000 Volts
PF351 MCC-PF351 Datasheet
89Kb / 2P
   35Amp Fast Recover Rectifier 50 to 1000 Volts
PF251 MCC-PF251 Datasheet
89Kb / 2P
   25Amp Fast Recover Rectifier 50 to 1000 Volts
PF501L MCC-PF501L Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
SRA501GP MCC-SRA501GP Datasheet
216Kb / 3P
   50Amp Glass Passivated Rectifier 50 to 1000 Volts
PF501 MCC-PF501 Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
RA351 MCC-RA351 Datasheet
92Kb / 2P
   35Amp Recover Rectifier 50 to 1000 Volts
SRA251 MCC-SRA251 Datasheet
91Kb / 2P
   25Amp Recover Rectifier 50 to 1000 Volts
PF351 MCC-PF351_05 Datasheet
312Kb / 2P
   35Amp Fast Recover Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com