Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4192 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA4192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4192 Datasheet(HTML) 1 Page - Texas Instruments

  OPA4192_15 Datasheet HTML 1Page - Texas Instruments OPA4192_15 Datasheet HTML 2Page - Texas Instruments OPA4192_15 Datasheet HTML 3Page - Texas Instruments OPA4192_15 Datasheet HTML 4Page - Texas Instruments OPA4192_15 Datasheet HTML 5Page - Texas Instruments OPA4192_15 Datasheet HTML 6Page - Texas Instruments OPA4192_15 Datasheet HTML 7Page - Texas Instruments OPA4192_15 Datasheet HTML 8Page - Texas Instruments OPA4192_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
ADS8864
REF
VINP
VINM
4:2
HV
MUX
+
+
+
Antialiasing
Filter
Gain Network
Gain Network
Gain Network
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
REF3140
RC Filter
OPA350
RC Filter
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
OPA192
OPA192
OPA192
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA192, OPA2192, OPA4192
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,
Low Input Bias Current Op Amp with e-trim™
1 Features
3 Description
The
OPAx192
family
(OPA192,
OPA2192,
and
1
Low Offset Voltage: ±5 µV
OPA4192) is a new generation of 36-V, e-trim
Low Offset Voltage Drift: ±0.2 µV/°C
operational amplifiers.
Low Noise: 5.5 nV/
√Hz at 1 kHz
These devices offer outstanding dc precision and ac
High Common-Mode Rejection: 140 dB
performance, including rail-to-rail input/output, low
Low Bias Current: ±5 pA
offset (±5 µV, typ), low offset drift (±0.2 µV/°C, typ),
and 10-MHz bandwidth.
Rail-to-Rail Input and Output
Wide Bandwidth: 10 MHz GBW
Unique features such as differential input-voltage
range to the supply rail, high output current (±65 mA),
High Slew Rate: 20 V/µs
high capacitive load drive of up to 1 nF, and high
Low Quiescent Current: 1 mA per Amplifier
slew rate (20 V/µs) make the OPA192 a robust, high-
Wide Supply: ±2.25 V to ±18 V, +4.5 V to +36 V
performance operational amplifier for high-voltage
industrial applications.
EMI/RFI Filtered Inputs
Differential Input Voltage Range to Supply Rail
The OPA192 family of op amps is available in
standard packages and is specified from –40°C to
High Capacitive Load Drive Capability: 1 nF
+125°C.
Industry Standard Packages:
Single in SOIC-8, SOT-5, and VSSOP-8
Device Information(1)
Dual in SOIC-8 and VSSOP-8
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Quad in SOIC-14 and TSSOP-14
SOIC (8)
4.90 mm × 3.90 mm
OPA192
SOT (5)
2.90 mm × 1.60 mm
2 Applications
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.90 mm
Multiplexed Data-Acquisition Systems
OPA2192
VSSOP (8)
3.00 mm × 3.00 mm
Test and Measurement Equipment
SOIC (14)
8.65 mm x 3.90 mm
High-Resolution ADC Driver Amplifiers
OPA4192
TSSOP (14)
5.00 mm x 4.40 mm
SAR ADC Reference Buffers
(1) For all available packages, see the package option addendum
Programmable Logic Controllers
at the end of the data sheet.
High-Side and Low-Side Current Sensing
High Precision Comparator
OPA192 in a High-Voltage, Multiplexed, Data-Acquisition System
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA4192_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4192-Q1 TI1-OPA4192-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA4192ID TI1-OPA4192ID Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA4192IDR TI1-OPA4192IDR Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA4192IPW TI1-OPA4192IPW Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA4192IPWR TI1-OPA4192IPWR Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
More results

Similar Description - OPA4192_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com