Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C6678-HIREL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SM320C6678-HIREL
Description  Multicore Fixed and Floating-Point Digital Signal Processor
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320C6678-HIREL Datasheet(HTML) 1 Page - Texas Instruments

  SM320C6678-HIREL Datasheet HTML 1Page - Texas Instruments SM320C6678-HIREL Datasheet HTML 2Page - Texas Instruments SM320C6678-HIREL Datasheet HTML 3Page - Texas Instruments SM320C6678-HIREL Datasheet HTML 4Page - Texas Instruments SM320C6678-HIREL Datasheet HTML 5Page - Texas Instruments SM320C6678-HIREL Datasheet HTML 6Page - Texas Instruments SM320C6678-HIREL Datasheet HTML 7Page - Texas Instruments SM320C6678-HIREL Datasheet HTML 8Page - Texas Instruments SM320C6678-HIREL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 244 page
background image
Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and
other important disclaimers. PRODUCTION DATA.
Check for Evaluation Modules (EVM): TMS320C6678
SPRS910A—March 2014—Revised April 2014
1 SM320C6678 Features and Description
1.1 Features
• Eight SMS320C66x™ DSP Core Subsystems (C66x
CorePacs), Each with
– 1.0 GHz C66x Fixed/Floating-Point CPU Core
› 44.8 GMAC/Core for Fixed Point @ 1 GHz
› 22.4 GFLOP/Core for Floating Point @ 1 GHz
–Memory
› 32K Byte L1P Per Core
› 32K Byte L1D Per Core
› 512K Byte Local L2 Per Core
• Multicore Shared Memory Controller (MSMC)
– 4096KB MSM SRAM Memory Shared by Eight DSP
C66x CorePacs
– Memory Protection Unit for Both MSM SRAM and
DDR3_EMIF
• Multicore Navigator
– 8192 Multipurpose Hardware Queues with Queue
Manager
– Packet-Based DMA for Zero-Overhead Transfers
• Network Coprocessor
– Packet Accelerator Enables Support for
› Transport Plane IPsec, GTP-U, SCTP, PDCP
› L2 User Plane PDCP (RoHC, Air Ciphering)
› 1-Gbps Wire-Speed Throughput at 1.5 MPackets
Per Second
– Security Accelerator Engine Enables Support for
› IPSec, SRTP, 3GPP, WiMAX Air Interface, and
SSL/TLS Security
› ECB, CBC, CTR, F8, A5/3, CCM, GCM, HMAC, CMAC,
GMAC, AES, DES, 3DES, Kasumi, SNOW 3G, SHA-1,
SHA-2 (256-bit Hash), MD5
› Up to 2.8 Gbps Encryption Speed
•Peripherals
– Four Lanes of SRIO 2.1
› 1.24/2.5/3.125/5 GBaud Operation Supported Per
Lane
› Supports Direct I/O, Message Passing
› Supports Four 1×, Two 2×, One 4×, and Two 1× +
One 2× Link Configurations
–PCIe Gen2
› Single Port Supporting 1 or 2 Lanes
›Supports Up To 5 GBaud Per Lane
1
› Supports up to 3.125 GBaud Per Lane in Extended
Temperature Range of - 55°C to 115°C
–HyperLink
› Supports Connections to Other KeyStone
Architecture Devices Providing Resource
Scalability
› Supports up to 25 Gbaud
– Gigabit Ethernet (GbE) Switch Subsystem
›Two SGMII Ports
› Supports 10/100/1000 Mbps Operation
– 64-Bit DDR3 Interface (DDR3-1600)
› 8G Byte Addressable Memory Space
› DDR3 functionally tested for extended
temperature range of - 55°C to 115°C
› Some Noted Parameters Specified for - 40°C to
105°C Only
– 16-Bit EMIF
– Two Telecom Serial Ports (TSIP)
› Supports 1024 DS0s Per TSIP
› Supports 2/4/8 Lanes at 32.768/16.384/8.192 Mbps
Per Lane
–UART Interface
–I
2C Interface
–16 GPIO Pins
–SPI Interface
– Semaphore Module
– Sixteen 64-Bit Timers
– Three On-Chip PLLs
• Extended Temperature:
– - 55°C to 115°C
1.
Ensured only up to -40°C to 105°C.


Similar Part No. - SM320C6678-HIREL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6678ACYPW TI1-SM320C6678ACYPW Datasheet
2Mb / 247P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - SM320C6678-HIREL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI1-TMS320C6672 Datasheet
2Mb / 228P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678_15 Datasheet
1Mb / 248P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI-TMS320C6672_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com