Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5404-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5404-Q1
Description  TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5404-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5404-Q1_15 Datasheet HTML 3Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 4Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 5Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 6Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 7Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 8Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 9Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 10Page - Texas Instruments TAS5404-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
TAS5404-Q1
www.ti.com
SLOS918A – AUGUST 2015 – REVISED OCTOBER 2015
7.5 Electrical Characteristics
Test conditions (unless otherwise noted): TCase = 25°C, PVDD = 14.4 V, RL = 4 Ω, fS = 417 kHz, Pout = 1 W/ch, Rext = 20 kΩ,
AES17 filter, default I
2C settings, master-mode operation (see Figure 20)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING CURRENT
IPVDD_IDLE
All four channels in MUTE mode
170
220
PVDD idle current
mA
IPVDD_Hi-Z
All four channels in Hi-Z mode
93
IPVDD_STBY
PVDD standby current
STANDBY mode, TJ ≤ 85°C
2
10
μA
OUTPUT POWER
4
Ω, THD+N ≤ 1%, 1 kHz, Tc = 75°C
20
4
Ω, THD+N = 10%, 1 kHz, Tc = 75°C
25
26
4
Ω, square wave, 1 kHz, Tc = 75°C
43
POUT
Output power per channel
W
2
Ω, THD+N = 1%, 1 kHz, Tc = 75°C
38
2
Ω, THD+N = 10%, 1 kHz, Tc = 75°C
40
45
2
Ω, square wave, 1 kHz, Tc = 75°C
70
4 channels operating, 20-W output power/ch, L = 10
μH,
EFFP
Power efficiency
90%
TJ ≤ 85°C
AUDIO PERFORMANCE
VNOISE
Noise voltage at output
Zero input, and A-weighting
60
100
μV
P = 1 W, f = 1 kHz, enhanced crosstalk enabled through
Channel crosstalk
70
85
dB
I2C (reg. 0x10)
Common-mode rejection ratio (TAS5424C-
CMRR5424
f = 1 kHz, 1 Vrms referenced to GND, G = 26 dB
60
75
dB
Q1)
PSRR
Power-supply rejection ratio
PVDD = 14.4 Vdc + 1 Vrms, f = 1 kHz
60
75
dB
THD+N
Total harmonic distortion + noise
P = 1 W, f = 1 kHz
0.02%
0.1%
336
357
378
Switching frequency selectable for AM interference
fS
Switching frequency
392
417
442
kHz
avoidance
470
500
530
RAIN
Analog input resistance
Internal shunt resistance on each input pin
63
85
106
k
Ω
AC-coupled common-mode input voltage (zero
VIN_CM
Common-mode input voltage
1.3
Vrms
differential input)
VCM_INT
Internal common-mode input bias voltage
Internal bias applied to IN_M pin
3.3
V
11
12
13
19
20
21
Source impedance = 0
Ω, gain measurement taken at 1
G
Voltage gain (VO/VIN)
dB
W of power per channel
25
26
27
31
32
33
GCH
Channel-to-channel variation
Any gain commanded
–1
0
1
dB
PWM OUTPUT STAGE
RDS(on)
FET drain-to-source resistance
Not including bond wire resistance, TJ = 25°C
65
90
m
Ω
VO_OFFSET
Output offset voltage
Zero input signal, G = 26 dB
±10
±50
mV
PVDD OVERVOLTAGE (OV) PROTECTION
VOV_SET
PVDD overvoltage shutdown set
24.6
26.4
28.2
V
VOV_CLEAR
PVDD overvoltage shutdown clear
24.4
25.9
27.4
V
PVDD UNDERVOLTAGE (UV) PROTECTION
VUV_SET
PVDD undervoltage shutdown set
4.9
5.3
5.5
V
VUV_CLEAR
PVDD undervoltage shutdown clear
6.2
6.6
6.9
V
AVDD
VA_BYP
A_BYP pin voltage
6.5
V
VA_BYP_UV_SET
A_BYP UV voltage
4.8
V
VA_BYP_UV_CLEAR
Recovery voltage A_BYP UV
5.3
V
DVDD
VD_BYP
D_BYP pin voltage
3.3
V
POWER-ON RESET (POR)
VPOR
PVDD voltage for POR
4
V
I2C active above this voltage
VPOR_HY
PVDD recovery hysteresis voltage for POR
0.1
V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS5404-Q1


Similar Part No. - TAS5404-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5404-Q1 TI1-TAS5404-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Analog Single-Ended Input 4-Channel Class-D Amp
More results

Similar Description - TAS5404-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6304-Q1 TI1-TPA6304-Q1 Datasheet
272Kb / 5P
[Old version datasheet]   TPA6304-Q1 45-W, 2.1-MHz Analog Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS5441-Q1 TI1-TAS5441-Q1 Datasheet
615Kb / 28P
[Old version datasheet]   TAS5441-Q1 22-W Analog Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com