Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9866101QXA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9866101QXA
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9866101QXA Datasheet(HTML) 8 Page - Texas Instruments

Back Button 5962-9866101QXA Datasheet HTML 4Page - Texas Instruments 5962-9866101QXA Datasheet HTML 5Page - Texas Instruments 5962-9866101QXA Datasheet HTML 6Page - Texas Instruments 5962-9866101QXA Datasheet HTML 7Page - Texas Instruments 5962-9866101QXA Datasheet HTML 8Page - Texas Instruments 5962-9866101QXA Datasheet HTML 9Page - Texas Instruments 5962-9866101QXA Datasheet HTML 10Page - Texas Instruments 5962-9866101QXA Datasheet HTML 11Page - Texas Instruments 5962-9866101QXA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
SMJ320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SGUS060A − DECEMBER 2007 − REVISED JULY 2009
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Signal Descriptions
SIGNAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
CLOCK/PLL
CLKIN
A14
I
Clock Input
CLKOUT1
Y6
O
Clock output at full device speed
CLKOUT2
V9
O
Clock output at half of device speed
CLKMODE1
B17
I
Clock mode select
CLKMODE0
C17
I
• Selects whether the output clock frequency = input clock freq x4 or x1
PLLFREQ3
C13
PLL frequency range (3, 2, and 1)
PLLFREQ2
G11
I
• The target range for CLKOUT1 frequency is determined by the 3-bit value of the PLLFREQ pins.
PLLFREQ1
F11
I
PLLV‡
D12
PLL analog VCC connection for the low-pass filter
PLLG‡
G10
PLL analog GND connection for the low-pass filter
PLLF
C12
PLL low-pass filter connection to external components and a bypass capacitor
JTAG EMULATION
TMS
K19
I
JTAG test port mode select (features an internal pull-up)
TDO
R12
O/Z
JTAG test port data out
TDI
R13
I
JTAG test port data in (features an internal pull-up)
TCK
M20
I
JTAG test port clock
TRST
N18
I
JTAG test port reset (features an internal pull-down)
EMU1
R20
I/O/Z
Emulation pin 1, pull-up with a dedicated 20-k
Ω resistor¶
EMU0
T18
I/O/Z
Emulation pin 0, pull-up with a dedicated 20-k
Ω resistor¶
RESET AND INTERRUPTS
RESET
J20
I
Device reset
NMI
K21
I
Nonmaskable interrupt
• Edge-driven (rising edge)
EXT_INT7
R16
EXT_INT6
P20
I
External interrupts
EXT_INT5
R15
I
External interrupts
• Edge-driven (rising edge)
EXT_INT4
R18
Edge-driven (rising edge)
IACK
R11
O
Interrupt acknowledge for all active interrupts serviced by the CPU
INUM3
T19
Active interrupt identification number
INUM2
T20
O
Active interrupt identification number
• Valid during IACK for all active interrupts (not just external)
INUM1
T14
O
• Valid during IACK for all active interrupts (not just external)
• Encoding order follows the interrupt service fetch packet ordering
INUM0
T16
• Encoding order follows the interrupt service fetch packet ordering
LITTLE ENDIAN/BIG ENDIAN
LENDIAN
G20
I
If high, selects little-endian byte/half-word addressing order within a word
If low, selects big-endian addressing
POWER DOWN STATUS
PD
D19
O
Power-down mode 2 or 3 (active if high)
† I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground
‡ PLLV and PLLG signals are not part of external voltage supply or ground. See the CLOCK/PLL documentation for information on how to connect
those pins.
§ A = Analog Signal (PLL Filter)
¶ For emulation and normal operation, pull up EMU1 and EMU0 with a dedicated 20-kΩ resistor. For boundary scan, pull down EMU1 and EMU0
with a dedicated 20-k
Ω resistor.


Similar Part No. - 5962-9866101QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9866101QXA TI-5962-9866101QXA Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - 5962-9866101QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com