Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C645SPLBZTZ Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320C645SPLBZTZ
Description  TMS320C6455 Fixed-Point Digital Signal Processor
Download  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C645SPLBZTZ Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C645SPLBZTZ Datasheet HTML 1Page - Texas Instruments TMS320C645SPLBZTZ Datasheet HTML 2Page - Texas Instruments TMS320C645SPLBZTZ Datasheet HTML 3Page - Texas Instruments TMS320C645SPLBZTZ Datasheet HTML 4Page - Texas Instruments TMS320C645SPLBZTZ Datasheet HTML 5Page - Texas Instruments TMS320C645SPLBZTZ Datasheet HTML 6Page - Texas Instruments TMS320C645SPLBZTZ Datasheet HTML 7Page - Texas Instruments TMS320C645SPLBZTZ Datasheet HTML 8Page - Texas Instruments TMS320C645SPLBZTZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 257 page
background image
A
2
B
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
27
28
29
AG
AH
AJ
TMS320C6455
SPRS276M – MAY 2005 – REVISED MARCH 2012
www.ti.com
1.1
CTZ/GTZ/ZTZ BGA Package (Bottom View)
Figure 1-1 shows the TMS320C6455 device 697-pin ball grid array package (bottom view).
Figure 1-1. CTZ/GTZ/ZTZ BGA Package (Bottom View)
1.2
Description
The TMS320C64x+™ DSPs (including the TMS320C6455 device) are the highest-performance fixed-point
DSP generation in the TMS320C6000™ DSP platform. The C6455 device is based on the third-generation
high-performance, advanced VelociTI™ very-long-instruction-word (VLIW) architecture developed by
Texas Instruments (TI), making these DSPs an excellent choice for applications including video and
telecom infrastructure, imaging/medical, and wireless infrastructure (WI). The C64x+™ devices are
upward code-compatible from previous devices that are part of the C6000™ DSP platform.
Based on 90-nm process technology and with performance of up to 9600 million instructions per second
(MIPS) [or 9600 16-bit MMACs per cycle] at a 1.2-GHz clock rate, the C6455 device offers cost-effective
solutions to high-performance DSP programming challenges. The C6455 DSP possesses the operational
flexibility of high-speed controllers and the numerical capability of array processors.
The C64x+ DSP core employs eight functional units, two register files, and two data paths. Like the earlier
C6000 devices, two of these eight functional units are multipliers or .M units. Each C64x+ .M unit doubles
the multiply throughput versus the C64x core by performing four 16-bit x 16-bit multiply-accumulates
(MACs) every clock cycle. Thus, eight 16-bit x 16-bit MACs can be executed every cycle on the C64x+
core. At a 1.2-GHz clock rate, this means 9600 16-bit MMACs can occur every second. Moreover, each
multiplier on the C64x+ core can compute one 32-bit x 32-bit MAC or four 8-bit x 8-bit MACs every clock
cycle.
The TCI6482 device includes Serial RapidIO®. This high bandwidth peripheral dramatically improves
system performance and reduces system cost for applications that include multiple DSPs on a board,
such as video and telecom infrastructures and medical/imaging.
2
Features
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6455


Similar Part No. - TMS320C645SPLBZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C645SPLBCTZ TI1-TMS320C645SPLBCTZ Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C645SPLBZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455BCTZ TI1-TMS320C6455BCTZ Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_V01 Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
REVISED MARCH 2012
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com