Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6612CBZA(Note2) Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6612CBZA(Note2)
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6612CBZA(Note2) Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6612CBZA(Note2) Datasheet HTML 4Page - Intersil Corporation ISL6612CBZA(Note2) Datasheet HTML 5Page - Intersil Corporation ISL6612CBZA(Note2) Datasheet HTML 6Page - Intersil Corporation ISL6612CBZA(Note2) Datasheet HTML 7Page - Intersil Corporation ISL6612CBZA(Note2) Datasheet HTML 8Page - Intersil Corporation ISL6612CBZA(Note2) Datasheet HTML 9Page - Intersil Corporation ISL6612CBZA(Note2) Datasheet HTML 10Page - Intersil Corporation ISL6612CBZA(Note2) Datasheet HTML 11Page - Intersil Corporation ISL6612CBZA(Note2) Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN9153.9
June 15, 2010
ISL6612, ISL6613
Package Outline Drawing
L10.3x3
10 LEAD DUAL FLAT PACKAGE (DFN)
Rev 6, 09/09
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.18mm and 0.30mm from the terminal tip.
Lead width applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
(4X)
0.10
INDEX AREA
PIN 1
PIN #1 INDEX AREA
C
SEATING PLANE
BASE PLANE
0.08
SEE DETAIL "X"
C
C
5
6
6
A
B
0.10 C
1
PACKAGE
0.20
(10x 0.23)
(8x 0.50)
1.60
(10 x 0.55)
3.00
0.05
0.20 REF
10 x 0.23
10x 0.35
1.60
OUTLINE
(4X)
0.10
AB
4
C
M
0.415
0.23
0.35
2
4


Similar Part No. - ISL6612CBZA(Note2)

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612CBZA INTERSIL-ISL6612CBZA Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZA INTERSIL-ISL6612CBZA Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612CBZA RENESAS-ISL6612CBZA Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZA-T RENESAS-ISL6612CBZA-T Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results

Similar Description - ISL6612CBZA(Note2)

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 INTERSIL-ISL6612 Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com