Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6612BCRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6612BCRZ
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6612BCRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6612BCRZ Datasheet HTML 4Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 5Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 6Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 7Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 8Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 9Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 10Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 11Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN9205.4
May 1, 2012
ISL6612B, ISL6613B
Small Outline Exposed Pad Plastic Packages (EPSOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)
B
M
M
α
P1
12
3
P
BOTTOM VIEW
N
TOP VIEW
SIDE VIEW
M8.15B
8 LEAD NARROW BODY SMALL OUTLINE EXPOSED PAD
PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.056
0.066
1.43
1.68
-
A1
0.001
0.005
0.03
0.13
-
B
0.0138
0.0192
0.35
0.49
9
C
0.0075
0.0098
0.19
0.25
-
D
0.189
0.196
4.80
4.98
3
E
0.150
0.157
3.81
3.99
4
e
0.050 BSC
1.27 BSC
-
H
0.230
0.244
5.84
6.20
-
h
0.010
0.016
0.25
0.41
5
L
0.016
0.035
0.41
0.89
6
N8
8
7
α
-
P
-
0.094
-
2.387
11
P1
-
0.094
-
2.387
11
Rev. 5 8/10
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section
2.2 of Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.15mm (0.006 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.25mm (0.010
inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: INCH. Converted millimeter dimensions
are not necessarily exact.
11. Dimensions “P” and “P1” are thermal and/or electrical enhanced
variations. Values shown are maximum size of exposed pad
within lead count and body size.


Similar Part No. - ISL6612BCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612BCRZ INTERSIL-ISL6612BCRZ Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612BCRZ INTERSIL-ISL6612BCRZ Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6612BCRZ RENESAS-ISL6612BCRZ Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612BCRZ-T INTERSIL-ISL6612BCRZ-T Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612BCRZ-T INTERSIL-ISL6612BCRZ-T Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results

Similar Description - ISL6612BCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6612B RENESAS-ISL6612B Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612A INTERSIL-ISL6612A Datasheet
325Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B INTERSIL-ISL6612B Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B INTERSIL-ISL6612B Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612A INTERSIL-ISL6612A_06 Datasheet
266Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6612A RENESAS-ISL6612A Datasheet
600Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6614B INTERSIL-ISL6614B_06 Datasheet
335Kb / 11P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A INTERSIL-ISL6614A Datasheet
278Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com